công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SC18IS601IPW bảng dữ liệu(PDF) 8 Page - NXP Semiconductors

tên linh kiện SC18IS601IPW
Giải thích chi tiết về linh kiện  SPI to IC-bus interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC18IS601IPW bảng dữ liệu(HTML) 8 Page - NXP Semiconductors

Back Button SC18IS601IPW Datasheet HTML 4Page - NXP Semiconductors SC18IS601IPW Datasheet HTML 5Page - NXP Semiconductors SC18IS601IPW Datasheet HTML 6Page - NXP Semiconductors SC18IS601IPW Datasheet HTML 7Page - NXP Semiconductors SC18IS601IPW Datasheet HTML 8Page - NXP Semiconductors SC18IS601IPW Datasheet HTML 9Page - NXP Semiconductors SC18IS601IPW Datasheet HTML 10Page - NXP Semiconductors SC18IS601IPW Datasheet HTML 11Page - NXP Semiconductors SC18IS601IPW Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
SC18IS600_601_3
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 03 — 13 December 2006
8 of 28
NXP Semiconductors
SC18IS600/601
SPI to I2C-bus interface
6.2.2 I/O pins state register (IOState)
When read, this register returns the actual state of all programmable and
quasi-bidirectional I/O pins. When written, each register bit will be transferred to the
corresponding I/O pin programmed as output.
6.2.3 I2C-bus address register (I2CAdr)
The contents of the register represents the device’s own I2C-bus address. The most
significant bit corresponds to the first bit received from the I2C-bus after a START
condition. The least significant bit is not used, but should be programmed with a ‘0’.
I2CAdr is not needed for device operation, but should be configured so that its address
does not conflict with an I2C-bus device address used by the bus master.
6.2.4 I2C-bus clock rates register (I2CClk)
This register determines the I2C-bus clock frequency. Various clock rates are shown in
Table 6 for the SC18IS600. The frequency can be determined using the following formula:
Fig 8.
Push-pull output configuration
002aab885
strong
VDD
P
VSS
pin latch data
GPIO pin
glitch rejection
input data
N
Table 5.
IOState - I/O pins state register (address 0x01) bit description
Bit
Symbol
Description
7:6
-
reserved
5
IO5
Set the logic level on the output pins.
Write to this register:
logic 0 = set output pin to zero
logic 1 = set output pin to one
A read from this register returns states of all pins.
4
IO4
3
GPIO3 (SC18IS600 only)
2
GPIO2
1
GPIO1
0
GPIO0
I
2
C-bus clock frequency
7.3728
10
6
×
4
I 2CClk
×
------------------------------- Hz
()
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com