công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SC18IS601IPW bảng dữ liệu(PDF) 4 Page - NXP Semiconductors

tên linh kiện SC18IS601IPW
Giải thích chi tiết về linh kiện  SPI to IC-bus interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC18IS601IPW bảng dữ liệu(HTML) 4 Page - NXP Semiconductors

  SC18IS601IPW Datasheet HTML 1Page - NXP Semiconductors SC18IS601IPW Datasheet HTML 2Page - NXP Semiconductors SC18IS601IPW Datasheet HTML 3Page - NXP Semiconductors SC18IS601IPW Datasheet HTML 4Page - NXP Semiconductors SC18IS601IPW Datasheet HTML 5Page - NXP Semiconductors SC18IS601IPW Datasheet HTML 6Page - NXP Semiconductors SC18IS601IPW Datasheet HTML 7Page - NXP Semiconductors SC18IS601IPW Datasheet HTML 8Page - NXP Semiconductors SC18IS601IPW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
SC18IS600_601_3
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 03 — 13 December 2006
4 of 28
NXP Semiconductors
SC18IS600/601
SPI to I2C-bus interface
5.
Pinning information
5.1 Pinning
5.2 Pin description
Fig 3.
SC18IS600 pin configuration for TSSOP16
Fig 4.
SC18IS601 pin configuration for TSSOP16
SC18IS600IPW
GPIO0
IO5
CS
WAKEUP/IO4
RESET
INT
VSS
GPIO3
MISO
VDD
MOSI
SCLK
SDA
GPIO2
SCL
GPIO1
002aab713
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
SC18IS601IPW
GPIO0
IO5
CS
WAKEUP/IO4
RESET
INT
VSS
CLKIN
MISO
VDD
MOSI
SCLK
SDA
GPIO2
SCL
GPIO1
002aab714
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
Table 2.
Pin description
Symbol
Pin
Type Description
SC18IS600
SC18IS601
GPIO0
1
1
I/O
programmable I/O pin
CS
2
2
I
Chip select. When CS is LOW, the SC18IS600/601 is selected.
RESET
3
3
I
Master Reset. When active (LOW), RESET sets internal registers to
the default values, and resets the I2C-bus and SPI hardware. See
Table 3.
VSS
4
4
I
ground supply voltage
MISO
5
5
O
SPI slave data output
MOSI
6
6
I
SPI slave data input
SDA
7
7
I/O
I2C-bus serial data input/output
SCL
8
8
O
I2C-bus serial clock output
GPIO1
9
9
I/O
programmable I/O pin
GPIO2
10
10
I/O
programmable I/O pin
SCLK
11
11
I
SPI clock input
VDD
12
12
I
2.4 V to 3.6 V supply voltage
GPIO3
13
-
I/O
programmable I/O pin
CLKIN
-
13
I
external clock input
INT
14
14
O
Interrupt. When active (LOW), INT informs the CPU that the
SC18IS600/601 has an interrupt to be serviced.
INT is reset (deactivated) either when the I2CStat register is read or as
a result of a master reset (RESET). This pin is an open-drain pin.
WAKEUP/IO4
15
15
I/O
Wake up the SC18IS600/601 from the Power-down mode. Pulled LOW
by the host to wake-up from low power state. This pin can also be used
as a quasi-bidirectional I/O when not in a power-down state.
IO5
16
16
I/O
quasi-bidirectional I/O pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com