| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS5320 bảng dữ liệu(PDF) 140 Page - Applied Micro Circuits Corporation |
|
|
|||||||||||||||||||||||||||||
CS5320 bảng dữ liệu(HTML) 140 Page - Applied Micro Circuits Corporation |
|
140 / 160 page ![]() S5320 – PCI Match Maker: Pass-Thru Operation 140 DS1656 AMCC Confidential and Proprietary Revision 5.03 – June 14, 2006 Data Sheet (disconnect, but with no data transfer), the read data is held in the FIFO until the master comes back for it. In this case, the Retry Flush Enb has no effect. The PCI 2.1 Specification states that the master must come back if it receives a retry. Write FIFO Mode indicates what to do in the event that a full FIFO is detected during a PCI write transfer. If low, the S5320 will perform an immediate disconnect, thus freeing up the PCI bus for other transfers. The ini- tiator will have to come back to complete the data transfer, after which time the FIFO should no longer be full. If Write FIFO Mode is high, the S5320 will deas- sert TRDY#, and allow for either another FIFO location to become available (as the Add-On has read a DWORD), or wait for the Target Latency to expire (8 clocks from previous data phase), thus initiating a dis- connect. This will allow for the Add-on device to “catch-up” without losing the burst. |