| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS5320 bảng dữ liệu(PDF) 11 Page - Applied Micro Circuits Corporation |
|
|
|||||||||||||||||||||||||||||
CS5320 bảng dữ liệu(HTML) 11 Page - Applied Micro Circuits Corporation |
|
11 / 160 page ![]() S5320 – PCI Match Maker Revision 5.03 – June 14, 2006 AMCC Confidential and Proprietary DS1656 11 Data Sheet LIST OF FIGURES Figure 75. Active Mode 32-Bit PCI Write w/PTWAIT# ......................................................................................... 133 Figure 76. Active Mode PCI Write Showing a One Wait State Programmed Delay ............................................. 134 Figure 77. 16-Bit Active Mode PCI Read w/ Programmed Wait States ............................................................... 135 Figure 78. Active Mode PCI Read w/ Programmed Wait States .......................................................................... 136 Figure 79. Active Mode PCI Read ....................................................................................................................... 137 Figure 80. Active Mode PCI Write ........................................................................................................................ 137 Figure 81. 8-Bit Active Mode PCI Write ............................................................................................................... 138 Figure 82. PCI Clock Timing ................................................................................................................................ 144 Figure 83. PCI Signal Output Timing ................................................................................................................... 145 Figure 84. PCI Signal Input Timing ...................................................................................................................... 145 Figure 85. Add-On Clock Timing .......................................................................................................................... 148 Figure 86. Pass-Thru Clock Relationship to PCI Clock ........................................................................................ 148 Figure 87. PTADR Timing .................................................................................................................................... 148 Figure 88. Passive Mode Pass-Thru Operation ................................................................................................... 149 Figure 89. Active Mode Pass-Thru Write Operation ............................................................................................ 151 Figure 90. Mailbox Data (Setup/Hold timing) ....................................................................................................... 152 Figure 91. Mailbox Data (Float/Active timing) ...................................................................................................... 152 Figure 92. S5320 Pinout and Pin Assignment ..................................................................................................... 153 Figure 93. 176 Pin Low Profile Quad Flat Pack (LQFP), 24 mm x 24 mm ........................................................... 154 |