| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HC05RC16GRS/D bảng dữ liệu(PDF) 95 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC05RC16GRS/D bảng dữ liệu(HTML) 95 Page - NXP Semiconductors |
|
95 / 122 page ![]() Instruction Set Instruction Types MC68HC05RC16 — Rev. 3.0 General Release Specification Instruction Set 10.4.5 Control Instructions These instructions act on CPU registers and control CPU operation during program execution. Table 10-5. Control Instructions Instruction Mnemonic Clear Carry Bit CLC Clear Interrupt Mask CLI No Operation NOP Reset Stack Pointer RSP Return from Interrupt RTI Return from Subroutine RTS Set Carry Bit SEC Set Interrupt Mask SEI Stop Oscillator and Enable IRQ Pin STOP Software Interrupt SWI Transfer Accumulator to Index Register TAX Transfer Index Register to Accumulator TXA Stop CPU Clock and Enable Interrupts WAIT Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |