công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HC05RC16GRS/D bảng dữ liệu(PDF) 35 Page - NXP Semiconductors

tên linh kiện HC05RC16GRS/D
Giải thích chi tiết về linh kiện  General Release Specification
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05RC16GRS/D bảng dữ liệu(HTML) 35 Page - NXP Semiconductors

Back Button HC05RC16GRS/D Datasheet HTML 31Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 32Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 33Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 34Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 35Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 36Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 37Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 38Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 122 page
background image
Central Processor Unit
Condition Code Register
MC68HC05RC16 — Rev. 3.0
General Release Specification
Central Processor Unit
3.5 Condition Code Register
The condition code register (CCR) is a 5-bit register in which four bits are
used to indicate the results of the instruction just executed, and the fifth
bit indicates whether interrupts are masked. These bits can be tested
individually by a program, and specific actions can be taken as a result
of their state. Each bit is explained in the following paragraphs.
H — Half Carry
This bit is set during ADD and ADC operations to indicate that a carry
occurred between bits 3 and 4.
I — Interrupt
When this bit is set, timer and external interrupts are masked
(disabled). If an interrupt occurs while this bit is set, the interrupt is
latched and processed as soon as the interrupt bit is cleared.
N — Negative
When set, this bit indicates that the result of the last arithmetic, logical,
or data manipulation was negative.
Z — Zero
When set, this bit indicates that the result of the last arithmetic, logical,
or data manipulation was zero.
C — Carry/Borrow
When set, this bit indicates that a carry or borrow out of the arithmetic
logical unit (ALU) occurred during the last arithmetic operation. This
bit is also affected during bit test and branch instructions and during
shifts and rotates.
CCR
HIN
Z
C
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com