công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M66596FP bảng dữ liệu(PDF) 84 Page - Renesas Technology Corp

tên linh kiện M66596FP
Giải thích chi tiết về linh kiện  ASSP (USB2.0 Dual Function Controller)
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66596FP bảng dữ liệu(HTML) 84 Page - Renesas Technology Corp

Back Button M66596FP Datasheet HTML 80Page - Renesas Technology Corp M66596FP Datasheet HTML 81Page - Renesas Technology Corp M66596FP Datasheet HTML 82Page - Renesas Technology Corp M66596FP Datasheet HTML 83Page - Renesas Technology Corp M66596FP Datasheet HTML 84Page - Renesas Technology Corp M66596FP Datasheet HTML 85Page - Renesas Technology Corp M66596FP Datasheet HTML 86Page - Renesas Technology Corp M66596FP Datasheet HTML 87Page - Renesas Technology Corp M66596FP Datasheet HTML 88Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 133 page
background image
M66596FP/WG
rev .1.00
2006.3.14
page 82 of 127
3.4.3
DMA transfers (DxFIFO port)
3.4.3.1 An overview of DMA transfers
For pipes 1 to 7, the FIFO port can be accessed using the DMAC.
For DMA transfers, there are two modes that can be selected. One is the cycle steal transfer mode, in which the
DREQ
signal is asserted each time a data element (8 or 16 bits) is transferred. The other is the burst transfer mode,
in which the DREQ signal continues to be asserted until all of the data in the buffer memory has been transferred.
For information regarding the timing, please refer to Chapter 4, Electrical characteristics.
The unit of transfer to the FIFO port (8 or 16 bits) should be selected using the MBW bit of the DxFIFOSEL register,
and the pipe targeted for the DMA transfer should be selected using the CURPIPE bit. The selected pipe should not
be changed during the DMA transfer.
3.4.3.2 Selecting the DMA control signal
The DFORM bit of the DMAxCFG register should be used to select the pin to be used in the DMA transfer.
Table 3.18 shows the DMA control pins of the controller. Figure 3.22 shows the DMA control signal.
Table 3.18 DMA control pins
Register
Pin
Access
method
DREQE
DFORM
DATA BUS DREQ
DACK
RD/WR
ADDR
+CS
DSTB
Note
CP bus 0
0
0
0
0
CPU
-
-
v
v
-
CPU access
CPU bus 1
1
0
0
0
CPU
v
-
v
v
-
DMA with CPU bus
CPU bus 2
1
0
1
0
CPU
v
v
v
*2)
-
DMA with CPU bus
CPU bus 3
1
0
1
1
CPU
v
v
-
*2)
-
DMA with CPU bus
SPLIT bus 1
1
1
1
0
SPLIT
v
v
-
-
v
Split bus
*1)
SPLIT bus 2
1
1
0
0
SPLIT
v
v
-
-
Split bus
*1) This access method can be set only in relation to the D0FIFO port. Also, if using the D0FIFO port with this
setting and also using the D1FIFO port, the D1FIFO port should be used with the setting “DFROM=000”.
*2) When this access method is set CS_N pin shoul be held inactive (should be held in the high state) while the
DMAC accsesses to the DxFIFO port.
DREQ
DACK
D15-0
DMA transfer on CPU bus 1
DMA transfer on CPU bus 2
DEND
DREQ
DACK
SD7-0
DMA transfer on split bus 1
DMA transfer on split bus 2
DEND
RD/WR
CS
ADDR
DSTB
Figure 3.22 DMA control pins operation by FIFO port accessing methods



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com