công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M66596FP bảng dữ liệu(PDF) 68 Page - Renesas Technology Corp

tên linh kiện M66596FP
Giải thích chi tiết về linh kiện  ASSP (USB2.0 Dual Function Controller)
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66596FP bảng dữ liệu(HTML) 68 Page - Renesas Technology Corp

Back Button M66596FP Datasheet HTML 64Page - Renesas Technology Corp M66596FP Datasheet HTML 65Page - Renesas Technology Corp M66596FP Datasheet HTML 66Page - Renesas Technology Corp M66596FP Datasheet HTML 67Page - Renesas Technology Corp M66596FP Datasheet HTML 68Page - Renesas Technology Corp M66596FP Datasheet HTML 69Page - Renesas Technology Corp M66596FP Datasheet HTML 70Page - Renesas Technology Corp M66596FP Datasheet HTML 71Page - Renesas Technology Corp M66596FP Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 133 page
background image
M66596FP/WG
rev .1.00
2006.3.14
page 66 of 127
3.2.4
NRDY interrupt
Chapter 3.2.4.1 ,3.2.4.2 show the conditions under which NRDY interrupts are generated. The cause of a NRDY
for the various pipes should be confirmed using the pertinent bit of the NRDYSTS register. If an interrupt has been
disabled using the NRDYE bit of the INTENB0 register, the interrupt request is set in the pertinent bit of the
NRDYSTS
register. When all of the bits of the NRDYSTS register are cleared using the user system control program,
the controller clears the NRDY bit of the INTSTS0 register.
3.2.4.1 NRDY interrupt in the Host mode
The followings are the generating conditions of NRDY interruption in the Host mode..
(a) When STALL is received from a peripheral to the token which transmitted.
(b) When there is no response from a peripheral to the token which transmitted.
(c) When Isochronous transfer, the following errors occurred at the time of Iso transmission.
- Bit stuffing error
- CRC error
- Max packet size over error
- Over run error, under run error
* However, when the controller doesn’t receive ACK packet in the SETUP transaction, the controller generate
SIGN
interrupt.
3.2.4.2 NRDY interrupt in the Peripheral mode
The followings are the generating conditions of NRDY interruption in the Peripheral mode..
(a) For data transmission
If an IN token has been received (data underrun) when the PID bit of the PIPExCTR register is in the
"PID=BUF" and there is no data to be sent in the buffer memory
(b) For data is reception
- If an OUT token or a PING token has been received (data overrun) when the PID bit of the PIPExCTR
control register is
in the "PID=BUF" and there is no area in the buffer memory where data can be stored
- In a bulk transfer, when the maximum packet size has not been set (“MXPS=0”) and an OUT token or
a PING token has been received
- When a CRC error, bit stuffing error, interval error has occurred during an isochronous transfer
- When a token is recived other than interval frame duaring an isochronous transfer.
Figure 3.14 shows the timing at which the controller generates NRDY interrupts.
Data transfer
Data reception
IN Token Packet
OUT Token Packet
NAK Handshake
NAK Handshake
Data Packet
USB bus
USB bus
PING Packet
NAK Handshake
USB bus
NRDY interrupt
NRDY interrupt
NRDY interrupt
(CRC error, etc.)
Figure 3.14 Timing at which NRDY interrupts are generated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com