công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M66596FP bảng dữ liệu(PDF) 42 Page - Renesas Technology Corp

tên linh kiện M66596FP
Giải thích chi tiết về linh kiện  ASSP (USB2.0 Dual Function Controller)
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66596FP bảng dữ liệu(HTML) 42 Page - Renesas Technology Corp

Back Button M66596FP Datasheet HTML 38Page - Renesas Technology Corp M66596FP Datasheet HTML 39Page - Renesas Technology Corp M66596FP Datasheet HTML 40Page - Renesas Technology Corp M66596FP Datasheet HTML 41Page - Renesas Technology Corp M66596FP Datasheet HTML 42Page - Renesas Technology Corp M66596FP Datasheet HTML 43Page - Renesas Technology Corp M66596FP Datasheet HTML 44Page - Renesas Technology Corp M66596FP Datasheet HTML 45Page - Renesas Technology Corp M66596FP Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 133 page
background image
M66596FP/WG
rev .1.00
2006.3.14
page 40 of 127
2.11 USB address (low-power recovery)
USB address/low-power status recovery register [RECOVER]
<Address: 50H>
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
STSRECOV
USBADDR
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
0
-
-
0
0
-
-
0
0
-
-
0
?
?
?
?
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
Name
Function
S/W
H/W
Note
15-11 Nothing is placed here. These should be fixed at “0”.
10-8 STSRECOV
Status recovery
Status recovery after the low-power sleep state
000: reserved
001: Full-Speed Default state
010: Full-Speed Address state
011: Full-Speed Configured state
100: reserved
101: Hi-Speed Default state
110: Hi-Speed Address state
111: Hi-Speed Configured state
R/W
R
3.1.7
*1),*2)
7
Nothing is placed here. This should be fixed at "0".
6-0 USBADDR
USB address
USB address confirmation and recovery
R/W
R/W
3.1.7
*1),*2)
<<Notes>>
*1) When a recovery has been made from the low-power sleep state to the normal mode, the communication speed,
device state and USB address have to be returned to the values backed up by the control program software.
“STSRECOV=x00” should not be set.
*2) RECOVER register is effective only at the time of peripheral mode. When operating in host mode, the
peripheral address should be set by DEVSEL bit of PIPEMAXP register.
2.12 USB request register
The USB request register is used to store setup requests for control transfers. The values of USB requests that
have been received are stored here when peripheral mode is selected. The USB requests to be sent should be set here
when host mode is selected.
USB request type register [USBREQ]
<Address: 54H>
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
bRequest
bmRequestType
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
Name
Function
S/W
H/W
Note
15-8 bRequest
Request
The USB request bRequest value is
stored here.
peripheral
mode:R
Host mode:R/W
peripheral
mode:W
Host mode:R
3.6.1
3.6.2
7-0 bmRequestType
Request type
The USB request bmRequestType
is stored here.
peripheral
mode:R
Host mode:R/W
peripheral
mode:W
Host mode:R
3.6.1
3.6.2
<<Note>>
None in particular



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com