| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M66596FP bảng dữ liệu(PDF) 32 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M66596FP bảng dữ liệu(HTML) 32 Page - Renesas Technology Corp |
|
32 / 133 page ![]() M66596FP/WG rev .1.00 2006.3.14 page 30 of 127 2.7 Interrupts enabled Interrupts enabled register 0[INTENB0] <Address: 30H> 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 VBSE RSME SOFE DVSE CTRE BEMPE NRDYE BRDYE URST SADR SCFG SUSP WDST RDST CMPL SERR 0 0 - - 0 0 - - 0 0 - 0 0 0 - 0 0 0 - 0 0 0 - 0 0 0 - 0 0 0 - 0 0 0 - 0 0 0 - 0 0 0 - 0 0 0 - 0 0 0 - 0 0 0 - 0 0 0 - 0 0 0 - 0 Bit Name Function S/W H/W Note 15 VBSE VBUS interrupts enabled 0: Interrupt output disabled 1: Interrupt output enabled R/W R 2.7.1 2.7.8 3.2.9 14 RSME Resume interrupts enabled 0: Interrupt output disabled 1: Interrupt output enabled R/W R 2.7.1 2.7.8 3.2.10 13 SOFE Frame number refresh interrupts enabled 0: Interrupt output disabled 1: Interrupt output enabled R/W R 2.7.1 3.2.8 12 DVSE Device state transition interrupts enabled 0: Interrupt output disabled 1: Interrupt output enabled R/W R 2.7.1 2.7.2 3.2.6 11 CTRE Control transfer stage t ransition interrupts enabled 0: Interrupt output disabled 1: Interrupt output enabled R/W R 2.7.1 2.7.3 3.2.7 10 BEMPE Buffer Empty interrupts enabled 0: Interrupt output disabled 1: Interrupt output enabled R/W R 2.7.1 3.2.5 9 NRDYE Buffer Not Ready response interrupts enabled 0: Interrupt output disabled 1: Interrupt output enabled R/W R 2.7.1 3.2.4 8 BRDYE Buffer Ready interrupts enabled 0: Interrupt output disabled 1: Interrupt output enabled R/W R 2.7.1 3.2.3 7 URST Default state transition notifications enabled 0: DVST interrupt disabled at transition to default state 1: DVST interrupt enabled at transition to default state R/W R 2.7.2 3.2.6 6 SADR Address state transition notifications enabled 0: DVST interrupt disabled at transition to address state 1: DVST interrupt enabled at transition to address state R/W R 2.7.2 3.2.6 5 SCFG Configuration state transition notifications enabled 0: DVST interrupt disabled at transition to configuration state 1: DVST interrupt enabled at transition to configuration state R/W R 2.7.2 3.2.6 4 SUSP Suspend state transition notifications enabled 0: DVST interrupt disabled. at transition to suspend state 1: DVST interrupt enabled at transition to suspend state R/W R 2.7.2 3.2.6 3 WDST Control write transfer status stage transition notifications enabled 0: CTST interrupt disabled at transition to status stage of control write transfer 1: CTST interrupt enabled at transition to status stage of control write transfer R/W R 2.7.3 3.2.7 2 RDST Control read transfer status stage transition notifications enabled 0: CTST interrupt disabled at transition to status stage of control read transfer 1: CTST interrupt enabled at transition to status stage of control read transfer R/W R 2.7.3 3.2.7 1 CMPL Control transfer end notifications enabled 0: CTST interrupt are disabled at end of control transfer 1: CTST interrupt enabled at end of control transfer R/W R 2.7.3 3.2.7 0 SERR Control transfer sequence error notifications enabled 0: CTST interrupt disabled at detection of control transfer sequence error 1: CTST interrupt enabled at detection of control transfer sequence error R/W R 2.7.3 3.2.7 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |