công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M66596FP bảng dữ liệu(PDF) 47 Page - Renesas Technology Corp

tên linh kiện M66596FP
Giải thích chi tiết về linh kiện  ASSP (USB2.0 Dual Function Controller)
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66596FP bảng dữ liệu(HTML) 47 Page - Renesas Technology Corp

Back Button M66596FP Datasheet HTML 43Page - Renesas Technology Corp M66596FP Datasheet HTML 44Page - Renesas Technology Corp M66596FP Datasheet HTML 45Page - Renesas Technology Corp M66596FP Datasheet HTML 46Page - Renesas Technology Corp M66596FP Datasheet HTML 47Page - Renesas Technology Corp M66596FP Datasheet HTML 48Page - Renesas Technology Corp M66596FP Datasheet HTML 49Page - Renesas Technology Corp M66596FP Datasheet HTML 50Page - Renesas Technology Corp M66596FP Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 133 page
background image
M66596FP/WG
rev .1.00
2006.3.14
page 45 of 127
Pipe configuration register [PIPECFG]
<Address: 66H>
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
TYPE
BFRE
DBLB CNTMD SHTNAK
DIR
EPNUM
0
0
0
0
0
0
0
0
?
?
?
?
?
?
?
?
?
?
?
?
0
0
-
0
0
0
-
0
0
0
-
0
0
0
-
0
?
?
?
?
?
?
?
?
0
0
-
0
0
0
-
0
0
0
-
0
0
0
-
0
0
0
-
0
Bit
Name
Function
S/W
H/W
Note
15-14 TYPE
Transfer type
00: Pipe use disabled
01: Bulk transfer
10: Interrupt transfer
11: Isochronous transfer
R/W
R
3.3
*2)
13-11 Nothing is placed here. These should be fixed at “0”.
10
BFRE
BRDY interrupt operation specified
0: BRDY interrupt upon sending or receiving of
data
1: BRDY interrupt upon reading of data
R/W
R
3.4.3.6
*3)
9
DBLB
Double buffer mode
0: Single buffer
1: Double buffer
R/W
R
3.4.1.5
*4)
8
CNTMD
Continuous transfer mode
0: Non-continuous transfer mode
1: Continuous transfer mode
R/W
R
3.4.1.6
*5)
7
SHTNAK
Pipe disabled at end of transfer
0: Pipe continued at end of transfer
1: Pipe disabled at end of transfer
R/W
R
3.3
6-5 Nothing is placed here. These should be fixed at “0”.
4
DIR
Transfer direction
0: Receiving (OUT transfer)
1: Sending (IN transfer)
R/W
R
3-0 EPNUM
End point number
Specifies the end point number for the pertinent
pipe
R/W
R
3.3
<<Notes>>
*2) By the pipe number selected in the PIPESEL bit of a PIPESEL register, the value can be set as follows.
When using PIPE1-5, this bit can select "TYPE=00", "TYPE=01", or "TYPE=11".
When using PIPE6-7, this bit should be set "TYPE=10".
*3) If "BFRE=1” is set, BRDY interrupts are not generated when the buffer is set to the data writing direction.
*4) The DBLB bit is valid when PIPE1-5 are selected.
The procedure to change the DBLB bit for a PIPE is as following;
(a) Single buffer to double buffer (“DBLB=0” to “DBLB=”1”);
Set the PID bit to “NAK” for the pertinent pipe
→ “ACLRM=1” → (wait at least 100ns) → “ACLRM=0”
→ “DBLB=”1” → Set the PID bit to “BUF” for the pipe
(b) Double buffer to singlee buffer (“DBLB=1” to “DBLB=”0”);
Set the PID bit to “NAK” for the pertinent pipe
→ “DBLB=”0” → “ACLRM=1” → (wait at least 100ns) →
“ACLRM=0”
→ Set the PID bit to “BUF” for the pipe
*5) The CNTMD bit is valid when bulk transfer (“TYPE=01”) is selected using PIPE1-5. “CNTMD=1” should not be
set when isochronous transfer has been selected (“TYPE=11”).
The CNTMD bit should not be set “1” for PIPE6-7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com