công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSP56321T/D bảng dữ liệu(PDF) 69 Page - NXP Semiconductors

tên linh kiện DSP56321T/D
Giải thích chi tiết về linh kiện  24-Bit Digital Signal Processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56321T/D bảng dữ liệu(HTML) 69 Page - NXP Semiconductors

Back Button DSP56321T/D Datasheet HTML 65Page - NXP Semiconductors DSP56321T/D Datasheet HTML 66Page - NXP Semiconductors DSP56321T/D Datasheet HTML 67Page - NXP Semiconductors DSP56321T/D Datasheet HTML 68Page - NXP Semiconductors DSP56321T/D Datasheet HTML 69Page - NXP Semiconductors DSP56321T/D Datasheet HTML 70Page - NXP Semiconductors DSP56321T/D Datasheet HTML 71Page - NXP Semiconductors DSP56321T/D Datasheet HTML 72Page - NXP Semiconductors DSP56321T/D Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 88 page
background image
4-3
Power Consumption Considerations
• Because the DSP output signals have fast rise and fall times, PCB trace lengths should be minimal.
This recommendation particularly applies to the address and data buses as well as the IRQA, IRQB,
IRQC
, IRQD, TA, and BG pins. Maximum PCB trace lengths on the order of 6 inches are recommended.
• Consider all device loads as well as parasitic capacitance due to PCB traces when you calculate
capacitance. This is especially critical in systems with higher capacitive loads that could create higher
transient currents in the VCC and GND circuits.
• All inputs must be terminated (that is, not allowed to float) by CMOS levels except for the three pins
with internal pull-up resistors (TRST, TMS, DE).
• Take special care to minimize noise levels on the VCCP, GNDP, and GNDP1 pins.
• The following pins must be asserted during power-up: RESET and TRST. A stable EXTAL signal
should be supplied before deassertion of RESET. If the VCC reaches the required level before EXTAL
is stable or other “required RESET duration” conditions are met (see Table 2-7), the device circuitry
can be in an uninitialized state that may result in significant power consumption and heat-up. Designs
should minimize this condition to the shortest possible duration.
• Ensure that during power-up, and throughout the DSP56321 operation, VCCQH is always higher or
equal to the VCC voltage level.
• If multiple DSP devices are on the same board, check for cross-talk or excessive spikes on the supplies
due to synchronous operation of the devices.
• The Port A data bus (D[0–23]), HI08, ESSI0, ESSI1, SCI, and timers all use internal keepers to
maintain the last output value even when the internal signal is tri-stated. Typically, no pull-up or
pull-down resistors should be used with these signal lines. However, if the DSP is connected to a
device that requires pull-up resistors (such as an MPC8260), the recommended resistor value is 10 K
Ω
or less. If more than one DSP must be connected in parallel to the other device, the pull-up resistor
value requirement changes as follows:
—2 DSPs = 5 K
Ω (mask sets 0K91M and 1K91M)/7 KΩ (mask set 0K93M) or less
—3 DSPs = 3 K
Ω (mask sets 0K91M and 1K91M)/4 KΩ (mask set 0K93M) or less
—4 DSPs = 2 K
Ω (mask sets 0K91M and 1K91M)/3 KΩ (mask set 0K93M) or less
—5 DSPs = 1.5 K
Ω (mask sets 0K91M and 1K91M)/2 KΩ (mask set 0K93M) or less
—6 DSPs = 1 K
Ω (mask sets 0K91M and 1K91M)/1.5 KΩ (mask set 0K93M) or less
4.3 Power Consumption Considerations
Power dissipation is a key issue in portable DSP applications. Some of the factors affecting current
consumption are described in this section. Most of the current consumed by CMOS devices is alternating
current (ac), which is charging and discharging the capacitances of the pins and internal nodes.
Current consumption is described by this formula:
Equation 3:
Where:
C
=
node/pin capacitance
V
=
voltage swing
f
=
frequency of node/pin toggle
Equation 4:
Example 4-1. Current Consumption
For a Port A address pin loaded with 50 pF capacitance, operating at 3.3 V, with a 66 MHz clock, toggling at its
maximum possible rate (33 MHz), the current consumption is expressed in Equation 4.
IC
V
f
×
×
=
I
50
10
12
–
×
3.3
×
33
×
10
6
×
5.48 mA
==
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com