công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSP56321T/D bảng dữ liệu(PDF) 17 Page - NXP Semiconductors

tên linh kiện DSP56321T/D
Giải thích chi tiết về linh kiện  24-Bit Digital Signal Processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56321T/D bảng dữ liệu(HTML) 17 Page - NXP Semiconductors

Back Button DSP56321T/D Datasheet HTML 13Page - NXP Semiconductors DSP56321T/D Datasheet HTML 14Page - NXP Semiconductors DSP56321T/D Datasheet HTML 15Page - NXP Semiconductors DSP56321T/D Datasheet HTML 16Page - NXP Semiconductors DSP56321T/D Datasheet HTML 17Page - NXP Semiconductors DSP56321T/D Datasheet HTML 18Page - NXP Semiconductors DSP56321T/D Datasheet HTML 19Page - NXP Semiconductors DSP56321T/D Datasheet HTML 20Page - NXP Semiconductors DSP56321T/D Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 88 page
background image
1-11
Host Interface (HI08)
HACK/HACK
HRRQ/HRRQ
PB15
Input
Output
Input or Output
Ignored Input
Host Acknowledge—When the HI08 is programmed to interface
with a single host request host bus and the HI function is selected,
this signal is the host acknowledge (HACK) Schmitt-trigger input.
The polarity of the host acknowledge is programmable but is
configured as active-low (HACK) after reset.
Receive Host Request—When the HI08 is programmed to
interface with a double host request host bus and the HI function is
selected, this signal is the receive host request (HRRQ) output.
The polarity of the host request is programmable but is configured
as active-low (HRRQ) after reset. The host request may be
programmed as a driven or open-drain output.
Port B 15—When the HI08 is configured as GPIO through the
HI08 Port Control Register, this signal is individually programmed
as an input or output through the HI08 Data Direction Register.
Notes:
1.
In the Stop state, the signal maintains the last state as follows:
• If the last state is input, the signal is an ignored input.
• If the last state is output, these lines maintain the last output state even if the drivers are tri-stated,
because they have internal weak keeper circuits.
2.
The Wait processing state does not affect the signal state.
Table 1-10. Host Interface (Continued)
Signal Name
Type
State During
Reset1,2
Signal Description
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com