công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSP56321T/D bảng dữ liệu(PDF) 52 Page - NXP Semiconductors

tên linh kiện DSP56321T/D
Giải thích chi tiết về linh kiện  24-Bit Digital Signal Processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56321T/D bảng dữ liệu(HTML) 52 Page - NXP Semiconductors

Back Button DSP56321T/D Datasheet HTML 48Page - NXP Semiconductors DSP56321T/D Datasheet HTML 49Page - NXP Semiconductors DSP56321T/D Datasheet HTML 50Page - NXP Semiconductors DSP56321T/D Datasheet HTML 51Page - NXP Semiconductors DSP56321T/D Datasheet HTML 52Page - NXP Semiconductors DSP56321T/D Datasheet HTML 53Page - NXP Semiconductors DSP56321T/D Datasheet HTML 54Page - NXP Semiconductors DSP56321T/D Datasheet HTML 55Page - NXP Semiconductors DSP56321T/D Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 88 page
background image
2-28
AC Electrical Characteristics
2.5.9
Timer Timing
Table 2-13. Timer Timings
No.
Characteristics
Expression
220 MHz
240 MHz
Unit
Min
Max
Min
Max
480
TIO Low
2
× T
C + 2.0
11.1
—
10.3
—
ns
481
TIO High
2
× T
C + 2.0
11.0
—
10.3
—
ns
486
Synchronous delay time from Timer input
rising edge to the external memory address
out valid caused by the first interrupt
instruction execution
10.25
× T
C + 10.0
56.64
—
52.74
—
ns
Notes:
1.
VCCQH = 3.3 V ± 0.3 V, VCCQL = 1.6 V ± 0.1 V; TJ = 0°C to +85°C, CL = 50 pF
2.
The maximum frequency of pulses generated by a timer will be defined after device characterization is
completed.
3.
In the timing diagrams below, TIO is drawn using the rising edge as the reference. TIO polarity is programmable
in the Timer Control/Status Register (TCSR). Refer to the
DSP56321 Reference Manual for details.
Figure 2-26. TIO Timer Event Input Restrictions
Figure 2-27. Timer Interrupt Generation
TIO
481
480
TIO (Input)
First Interrupt Instruction Execution
Address
486
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com