công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSP56321T/D bảng dữ liệu(PDF) 26 Page - NXP Semiconductors

tên linh kiện DSP56321T/D
Giải thích chi tiết về linh kiện  24-Bit Digital Signal Processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56321T/D bảng dữ liệu(HTML) 26 Page - NXP Semiconductors

Back Button DSP56321T/D Datasheet HTML 22Page - NXP Semiconductors DSP56321T/D Datasheet HTML 23Page - NXP Semiconductors DSP56321T/D Datasheet HTML 24Page - NXP Semiconductors DSP56321T/D Datasheet HTML 25Page - NXP Semiconductors DSP56321T/D Datasheet HTML 26Page - NXP Semiconductors DSP56321T/D Datasheet HTML 27Page - NXP Semiconductors DSP56321T/D Datasheet HTML 28Page - NXP Semiconductors DSP56321T/D Datasheet HTML 29Page - NXP Semiconductors DSP56321T/D Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 88 page
background image
2-2
Thermal Characteristics
2.3 Thermal Characteristics
Table 2-1. Absolute Maximum Ratings
Rating1
Symbol
Value1, 2
Unit
Supply Voltage3
VCCQL
–0.1 to 2.25
V
Input/Output Supply Voltage3
VCCQH
4
–0.3 to 4.35
V
All input voltages
VIN
GND – 0.3 to VCCQH + 0.3
V
Current drain per pin excluding VCCQL, VCCQH,
and GND
I10
mA
Operating temperature range5
TJ
0 to +85
°C
Storage temperature
TSTG
–55 to +150
°C
Notes:
1.
GND = 0 V, VCCQL = 1.6 V ± 0.1 V, VCCQH = 3.3 V ± 0.3 V, TJ = 0°C to +85°C, CL = 50 pF
2.
Absolute maximum ratings are stress ratings only, and functional operation at the maximum is not
guaranteed. Stress beyond the maximum rating may affect device reliability or cause permanent
damage to the device.
3.
Power-up sequence: During power-up, and throughout the DSP56321T operation, VCCQH voltage
must always be higher or equal to VCCQL voltage.
4.
VCCQH provides input power for VCCA, VCCD, VCCC, VCCH, and VCCS. These power blocks are isolated
internally, but must be connected together externally.
5.
Typically, this value implies a maximum ambient temperature (TA) of +70°C.
Table 2-2. Thermal Characteristics
Thermal Resistance Characteristic
Symbol
FC-PBGA
Value
Unit
Junction-to-ambient, natural convection, single-layer board (1s)1,2
RθJA
50
°C/W
Junction-to-ambient, natural convection, four-layer board (2s2p)1,3
RθJMA
28
°C/W
Junction-to-ambient, @200 ft/min air flow, single-layer board (1s)1,3
RθJMA
37
°C/W
Junction-to-ambient, @200 ft/min air flow, four-layer board (2s2p)1,3
RθJMA
23
°C/W
Junction-to-board4
RθJB
13
°C/W
Junction-to-case thermal resistance5
RθJC
0.1
°C/W
Notes:
1.
Junction temperature is a function of on-chip power dissipation, package thermal resistance, mounting
site (board) temperature, ambient temperature, air flow, power dissipation of other components on the
board, and board thermal resistance. All values in this table are simulated; testing is not complete.
2.
Per SEMI G38-87 and JEDEC JESD51-2 with the single-layer board horizontal.
3.
Per JEDEC JESD51-6 with the board horizontal.
4.
Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board
temperature is measured on the top surface of the board near the package.
5.
Indicates the average thermal resistance between the die and the case top surface as measured by the
cold plate method (MIL SPEC-883 Method 1012.1) with the cold plate temperature used for the case
temperature.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com