công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSP56321T/D bảng dữ liệu(PDF) 33 Page - NXP Semiconductors

tên linh kiện DSP56321T/D
Giải thích chi tiết về linh kiện  24-Bit Digital Signal Processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56321T/D bảng dữ liệu(HTML) 33 Page - NXP Semiconductors

Back Button DSP56321T/D Datasheet HTML 29Page - NXP Semiconductors DSP56321T/D Datasheet HTML 30Page - NXP Semiconductors DSP56321T/D Datasheet HTML 31Page - NXP Semiconductors DSP56321T/D Datasheet HTML 32Page - NXP Semiconductors DSP56321T/D Datasheet HTML 33Page - NXP Semiconductors DSP56321T/D Datasheet HTML 34Page - NXP Semiconductors DSP56321T/D Datasheet HTML 35Page - NXP Semiconductors DSP56321T/D Datasheet HTML 36Page - NXP Semiconductors DSP56321T/D Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 88 page
background image
2-9
AC Electrical Characteristics
2.
This timing depends on several settings:
For DPLL disable, using internal oscillator (DPLL Control Register (PCTL) Bit 2 = 0) and oscillator disabled during
Stop (PCTL Bit 1 = 0), a stabilization delay is required to assure that the oscillator is stable before programs are
executed. Resetting the Stop delay (Operating Mode Register Bit 6 = 0) provides the proper delay. While
Operating Mode Register Bit 6 = 1 can be set, it is not recommended, and these specifications do not guarantee
timings for that case.
For DPLL disable, using internal oscillator (PCTL Bit 2 = 0) and oscillator enabled during Stop (PCTL Bit 1 = 1), no
stabilization delay is required and recovery is minimal (Operating Mode Register Bit 6 setting is ignored).
For DPLL disable, using external clock (PCTL Bit 2 = 1), no stabilization delay is required and recovery time is
defined by the PCTL Bit 1 and Operating Mode Register Bit 6 settings.
For DPLL enable, if PCTL Bit 1 is 0, the DPLL is shut down during Stop. Recovering from Stop requires the DPLL
to lock. The DPLL lock procedure duration is defined in Table 2-6 and will be refined after silicon characterization.
This procedure is followed by the stop delay counter. Stop recovery ends when the stop delay counter completes
its count.
The DPLT value for DPLL disable is 0.
3.
Periodically sampled and not 100 percent tested.
4.
For an external clock generator, RESET duration is measured while RESET is asserted, VCCQL is valid, and the
EXTAL input is active and valid.
For an internal oscillator, RESET duration is measured while RESET is asserted and VCCQL is valid. The specified
timing reflects the crystal oscillator stabilization time after power-up. This number is affected both by the
specifications of the crystal and other components connected to the oscillator and reflects worst case conditions.
When the VCCQL is valid, but the other “required RESET duration” conditions (as specified above) have not been
yet met, the device circuitry is in an uninitialized state that can result in significant power consumption and
heat-up. Designs should minimize this state to the shortest possible duration.
5.
If DPLL does not lose lock.
6.
VCCQH = 3.3 V ± 0.3 V, VCCQL = 1.6 V ± 0.1 V; TJ = 0°C to +85°C, CL = 50 pF.
7.
WS = number of wait states (measured in clock cycles, number of TC).
8.
Use the expression to compute a maximum value.
Figure 2-3. Reset Timing
Table 2-7. Reset, Stop, Mode Select, and Interrupt Timing6 (Continued)
No.
Characteristics
Expression
220 MHz
240 MHz
Unit
Min
Max
Min
Max
VIH
RESET
Reset Value
First Fetch
All Pins
A[0–17]
8
9
10
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com