công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RCM2000 bảng dữ liệu(PDF) 61 Page - Digi International Inc.

tên linh kiện RCM2000
Giải thích chi tiết về linh kiện  RabbitCore RCM2000 C-Programmable Module User’s Manual
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIGI [Digi International Inc.]
Trang chủ  https://www.digi.com/
Logo DIGI - Digi International Inc.

RCM2000 bảng dữ liệu(HTML) 61 Page - Digi International Inc.

Back Button RCM2000 Datasheet HTML 57Page - Digi International Inc. RCM2000 Datasheet HTML 58Page - Digi International Inc. RCM2000 Datasheet HTML 59Page - Digi International Inc. RCM2000 Datasheet HTML 60Page - Digi International Inc. RCM2000 Datasheet HTML 61Page - Digi International Inc. RCM2000 Datasheet HTML 62Page - Digi International Inc. RCM2000 Datasheet HTML 63Page - Digi International Inc. RCM2000 Datasheet HTML 64Page - Digi International Inc. RCM2000 Datasheet HTML 65Page - Digi International Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 80 page
background image
User’s Manual
57
B.3 Power Supply
The RCM2000 requires a regulated 5 V ± 0.25 V DC power source to operate. Depending
on the amount of current required by the application, different regulators can be used to
supply this voltage.
The Prototyping Board has an onboard LM340-T5 or equivalent. The LM340-T5 is an
inexpensive linear regulator that is easy to use. Its major drawback is its inefficiency,
which is directly proportional to the voltage drop across it. The voltage drop creates heat
and wastes power.
A switching power supply may be used in applications where better efficiency is desir-
able. The LM2575 is an example of an easy-to-use switcher. This part greatly reduces the
heat dissipation of the regulator. The drawback in using a switcher is the increased cost.
The Prototyping Board itself is protected against reverse polarity by a Shottky diode at D2
as shown in Figure B-3.
Figure B-3. Prototyping Board Power Supply
Capacitor C1 provides surge current protection for the voltage regulator, and allows the
external power supply to be located some distance away.
LINEAR POWER SUPPLY
J1
100 nF
7805
U1
+RAW
DCIN
Vcc
C2
C1
1
2
3
1
2
3
1N5819
D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com