công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RCM2000 bảng dữ liệu(PDF) 38 Page - Digi International Inc.

tên linh kiện RCM2000
Giải thích chi tiết về linh kiện  RabbitCore RCM2000 C-Programmable Module User’s Manual
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIGI [Digi International Inc.]
Trang chủ  https://www.digi.com/
Logo DIGI - Digi International Inc.

RCM2000 bảng dữ liệu(HTML) 38 Page - Digi International Inc.

Back Button RCM2000 Datasheet HTML 34Page - Digi International Inc. RCM2000 Datasheet HTML 35Page - Digi International Inc. RCM2000 Datasheet HTML 36Page - Digi International Inc. RCM2000 Datasheet HTML 37Page - Digi International Inc. RCM2000 Datasheet HTML 38Page - Digi International Inc. RCM2000 Datasheet HTML 39Page - Digi International Inc. RCM2000 Datasheet HTML 40Page - Digi International Inc. RCM2000 Datasheet HTML 41Page - Digi International Inc. RCM2000 Datasheet HTML 42Page - Digi International Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 80 page
background image
34
RabbitCore RCM2000
4.6 Memory
4.6.1 SRAM
The RCM2000 is designed to accept 32K to 512K of SRAM packaged in an SOIC case.
4.6.2 Flash EPROM
The RCM2000 is also designed to accept 128K to 512K of flash EPROM packaged in a
TSOP case.
NOTE: Rabbit recommends that any customer applications should not be constrained by
the sector size of the flash EPROM since it may be necessary to change the sector size
in the future.
Writing to arbitrary flash memory addresses at run time is also discouraged. Instead,
define a “user block” area to store persistent data. The functions writeUserBlock and
readUserBlock
are provided for this.
A Flash Memory Bank Select jumper configuration option based on 0
Ω surface-mounted
resistors exists at header JP3. This option, used in conjunction with some configuration
macros, allows Dynamic C to compile two different co-resident programs for the upper
and lower halves of the 512K flash in such a way that both programs start at logical
address 0000. This is useful for applications that require a resident download manager and
a separate downloaded program. See Technical Note 218, Implementing a Serial Download
Manager for a 256K Flash
, for details.
4.6.3 Dynamic C BIOS Source Files
The Dynamic C BIOS source files handle different standard RAM and flash EPROM sizes
automatically.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com