công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RCM2000 bảng dữ liệu(PDF) 53 Page - Digi International Inc.

tên linh kiện RCM2000
Giải thích chi tiết về linh kiện  RabbitCore RCM2000 C-Programmable Module User’s Manual
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIGI [Digi International Inc.]
Trang chủ  https://www.digi.com/
Logo DIGI - Digi International Inc.

RCM2000 bảng dữ liệu(HTML) 53 Page - Digi International Inc.

Back Button RCM2000 Datasheet HTML 49Page - Digi International Inc. RCM2000 Datasheet HTML 50Page - Digi International Inc. RCM2000 Datasheet HTML 51Page - Digi International Inc. RCM2000 Datasheet HTML 52Page - Digi International Inc. RCM2000 Datasheet HTML 53Page - Digi International Inc. RCM2000 Datasheet HTML 54Page - Digi International Inc. RCM2000 Datasheet HTML 55Page - Digi International Inc. RCM2000 Datasheet HTML 56Page - Digi International Inc. RCM2000 Datasheet HTML 57Page - Digi International Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 80 page
background image
User’s Manual
49
A.4 I/O Buffer Sourcing and Sinking Limit
Unless otherwise specified, the Rabbit I/O buffers are capable of sourcing and sinking 8 mA
of current per pin at full AC switching speed. Full AC switching assumes a 25.8 MHz
CPU clock and capacitive loading on address and data lines of less than 100 pF per pin.
Address pin A0 and data pin D0 are rated at 16 mA each. Pins A1–A12 and D1–D7 are
each rated at 8 mA. The absolute maximum operating voltage on all I/O is VDD + 0.5 V, or
5.5 V.
Table A-5 shows the AC and DC output drive limits of the parallel I/O buffers when the
Rabbit 2000 is used in the RabbitCore 2000.
Some of the values listed are different from those listed in the Rabbit 2000 Microproces-
sor User’s Manual to take into account external loading of the Rabbit 2000 while it is part
of the RCM2000. Loads that exceed the values listed above need to be buffered.
Table A-5. I/O Buffer Sourcing and Sinking Capability
Pin Name
Output Drive
Sourcing*/Sinking† Limits
(mA)
*
The maximum DC sourcing current for I/O buffers between VDD pins is
112 mA.
†
The maximum DC sinking current for I/O buffers between VSS pins is
150 mA.
Output Port Name
Full AC Switching
SRC/SNK
Maximum‡ DC Output
Drive
SRC/SNK
‡
The maximum DC output drive on I/O buffers must be adjusted to take
into consideration the current demands made my AC switching outputs,
capacitive loading on switching outputs, and switching voltage.
The current drawn by all switching and nonswitching I/O must not
exceed the limits specified in the first two footnotes.
PA [7:0]
8/8
12/12
PB [7, 1, 0]
8/8
12/12
PC [6, 4, 2, 0]
8/8
12/12
PD [7:4]
8/8
12/12
PD [3:0]**
** The combined sourcing from Port D [7:0] may need to be adjusted so as
not to exceed the 112 mA sourcing limit requirement specified in the first
footnote.
16/16
12/25
PE [7:0]
8/8
12/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com