công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RCM2000 bảng dữ liệu(PDF) 22 Page - Digi International Inc.

tên linh kiện RCM2000
Giải thích chi tiết về linh kiện  RabbitCore RCM2000 C-Programmable Module User’s Manual
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIGI [Digi International Inc.]
Trang chủ  https://www.digi.com/
Logo DIGI - Digi International Inc.

RCM2000 bảng dữ liệu(HTML) 22 Page - Digi International Inc.

Back Button RCM2000 Datasheet HTML 18Page - Digi International Inc. RCM2000 Datasheet HTML 19Page - Digi International Inc. RCM2000 Datasheet HTML 20Page - Digi International Inc. RCM2000 Datasheet HTML 21Page - Digi International Inc. RCM2000 Datasheet HTML 22Page - Digi International Inc. RCM2000 Datasheet HTML 23Page - Digi International Inc. RCM2000 Datasheet HTML 24Page - Digi International Inc. RCM2000 Datasheet HTML 25Page - Digi International Inc. RCM2000 Datasheet HTML 26Page - Digi International Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 80 page
background image
18
RabbitCore RCM2000
3.1.2 Getting to Know the RCM2000
The following sample programs can be found in the SAMPLES\RCM2000 folder.
• EXTSRAM.C
—demonstrates the setup and simple addressing to an external SRAM.
This program first maps the external SRAM to the I/O Bank 0 register with a maximum
of 15 wait states, chip select strobe (which is ignored because of the circuitry), and
allows writes. The first 256 bytes of SRAM are cleared and read back. Values are then
written to the same area and are read back. The Dynamic C STDIO window will indi-
cate if writes and reads did not occur
Connect an external SRAM as shown below before you run this sample program.
• FLASHLED.C
—repeatedly flashes LED DS3 on the Prototyping Board on and off.
LED DS3 is controlled by Parallel Port A bit 1 (PA1).
• FLASHLED2.C
—repeatedly flashes LED DS3 on the Prototyping Board on and off.
LED DS3 is controlled by Parallel Port A bit 1 (PA1).
This sample program also shows the use of the runwatch() function to allow
Dynamic C to update watch expressions while running. The following steps explain
how to do this.
1. Add a watch expression for "k" in the Inspect > Add Watch dialog box.
2. Click "Add" or "Add to top" so that it will be in the watch list permanently.
3. Click OK to close the dialog box.
4. Press <Ctrl+U> while the program is running. This will update the watch window
RCM2000
Core Module
8K × 8
SRAM
D0–D7
/BEN
/IOR
/IOW
A0–A12
A0–A12
D0–D7
/WE
/OE
/CE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com