| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM69AX bảng dữ liệu(PDF) 220 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM69AX bảng dữ liệu(HTML) 220 Page - Texas Instruments |
|
220 / 299 page ![]() GPMC_CSn[i] GPMC_BE0n_CLE GPMC_ADVn_ALE GPMC_OEn_REn GPMC_FCLK GPMC_WAIT[j] GNF10 GNF14 GNF15 GNF12 GNF13 DATA GPMC_AD[15:0] GPMC_14 A. GNF12 parameter illustrates amount of time required to internally sample input data. It is expressed in number of GPMC functional clock cycles. From start of read cycle and after GNF12 functional clock cycles, input data will be internally sampled by active functional clock edge. GNF12 value must be stored inside AccessTime register bits field. B. GPMC_FCLK is an internal clock (GPMC functional clock) not provided externally. C. In GPMC_CSn[i], i is equal to 0, 1, 2 or 3. In GPMC_WAIT[j], j is equal to 0, 1, 2, or 3. Figure 7-64. GPMC and NAND Flash — Data Read Cycle GPMC_FCLK GPMC_CSn[i] GPMC_BE0n_CLE GPMC_ADVn_ALE GPMC_OEn_REn GPMC_WEn DATA GNF0 GNF1 GNF4 GNF9 GNF3 GNF6 GPMC_AD[15:0] GPMC_15 A. `In GPMC_CSn[i], i is equal to 0, 1, 2 or 3. Figure 7-65. GPMC and NAND Flash — Data Write Cycle For more information, see Enhanced Pulse Width Modulation (EPWM) Module section in Peripherals chapter in the device TRM. 7.10.5.10.4 GPMC0 IOSET Table 7-40 present the specific groupings of signals (IOSET) for use with GPMC0. Table 7-40. GPMC0 IOSET Signals IOSET1 IOSET2 BALL NAME MUX BALL NAME MUX GPMC0_WAIT2 MDIO0_MDC 8 MDIO0_MDC 8 GPMC0_BE1n PRG1_PRU0_GPO0 8 RGMII6_RD1 8 AM69A SPRSP92 – FEBRUARY 2023 www.ti.com 220 Submit Document Feedback Copyright © 2023 Texas Instruments Incorporated Product Folder Links: AM69A |