| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM69AX bảng dữ liệu(PDF) 130 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM69AX bảng dữ liệu(HTML) 130 Page - Texas Instruments |
|
130 / 299 page ![]() Table 6-124. Connectivity Requirements (AHP) BALL NUMBER BALL NAME CONNECTION REQUIREMENT P38 OSC1_XI Each of these balls must be connected to VSS through a separate external pull resistor to ensure these balls are held to a valid logic low-level, if unused. T38 WKUP_OSC0_XI G37 TRSTN P36 MCU_ADC0_AIN0 V36 MCU_ADC0_AIN1 T34 MCU_ADC0_AIN2 T36 MCU_ADC0_AIN3 P34 MCU_ADC0_AIN4 R37 MCU_ADC0_AIN5 R33 MCU_ADC0_AIN6 V38 MCU_ADC0_AIN7 Y38 MCU_ADC1_AIN0 Y34 MCU_ADC1_AIN1 V34 MCU_ADC1_AIN2 W37 MCU_ADC1_AIN3 AA37 MCU_ADC1_AIN4 W33 MCU_ADC1_AIN5 U33 MCU_ADC1_AIN6 Y36 MCU_ADC1_AIN7 U1 DDR0_DQS0P AA1 DDR0_DQS1P AF1 DDR0_DQS2P AJ1 DDR0_DQS3P A16 DDR1_DQS0P A13 DDR1_DQS1P A8 DDR1_DQS2P A3 DDR1_DQS3P T1 DDR2_DQS0P N1 DDR2_DQS1P H1 DDR2_DQS2P E1 DDR2_DQS3P A18 DDR3_DQS0P A21 DDR3_DQS1P A26 DDR3_DQS2P A29 DDR3_DQS3P AC8 DDR0_RET G8 DDR1_RET L8 DDR2_RET G27 DDR3_RET K28 VMON1_ER_VSYS N27 VMON2_IR_VCPU J30 VMON3_IR_VEXT1P8 P28 VMON4_IR_VEXT1P8 R29 VMON5_IR_VEXT3P3 AM69A SPRSP92 – FEBRUARY 2023 www.ti.com 130 Submit Document Feedback Copyright © 2023 Texas Instruments Incorporated Product Folder Links: AM69A |