công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMK04832MPAPSEP bảng dữ liệu(PDF) 86 Page - Texas Instruments

tên linh kiện LMK04832MPAPSEP
Giải thích chi tiết về linh kiện  LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LMK04832MPAPSEP bảng dữ liệu(HTML) 86 Page - Texas Instruments

Back Button LMK04832MPAPSEP Datasheet HTML 82Page - Texas Instruments LMK04832MPAPSEP Datasheet HTML 83Page - Texas Instruments LMK04832MPAPSEP Datasheet HTML 84Page - Texas Instruments LMK04832MPAPSEP Datasheet HTML 85Page - Texas Instruments LMK04832MPAPSEP Datasheet HTML 86Page - Texas Instruments LMK04832MPAPSEP Datasheet HTML 87Page - Texas Instruments LMK04832MPAPSEP Datasheet HTML 88Page - Texas Instruments LMK04832MPAPSEP Datasheet HTML 89Page - Texas Instruments LMK04832MPAPSEP Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 102 page
background image
9.1.4 Driving CLKIN AND OSCIN Inputs
9.1.4.1 Driving CLKIN and OSCIN PINS With a Differential Source
CLKin and OSCin pins can be driven by differential signals. TI recommends setting the input mode to bipolar
(CLKinX_BUF_TYPE = 0) when using differential reference clocks. The device internally biases the input pins so
the differential interface should be AC-coupled. The recommended circuits for driving the CLKin pins with either
LVDS or LVPECL are shown in Figure 9-1 and Figure 9-2.
LVDS
Output
Input
100
Trace
(Di eren al)
0.1 µF
0.1 µF
CLKINx_P
CLKINx_N
Figure 9-1. CLKINx_P/CLKINx_N or OSCIN Termination for an LVDS Reference Clock Source
LVPECL
Output
Input
100
Trace
(Di eren al)
0.1 µF
0.1 µF
CLKINx_P
CLKINx_N
Figure 9-2. CLKINx_P/CLKINx_N or OSCIN Termination for an LVPECL Reference Clock Source
Finally, a reference clock source that produces a differential sine wave output can drive the CLKIN pins using
the following circuit. Note: the signal level must conform to the requirements for the CLKIN pins listed in the
Electrical Characteristics table.
Di eren al
Sinewave Clock
Input
100
Trace
(Di eren al)
0.1 µF
0.1 µ F
CLKINx_P
CLKINx_N
Figure 9-3. CLKINx_P/CLKINx_N or OSCIN Termination for a Differential Sinewave Reference Clock
Source
9.1.4.2 Driving CLKIN Pins With a Single-Ended Source
The CLKIN and OSCIN pins can be driven using a single-ended reference clock source, for example, either a
sine wave source or an LVCMOS/LVTTL source. CLKIN supports both AC coupling or DC coupling. OSCin must
use AC coupling. In the case of the sine wave source that is expecting a 50-Ω load, TI recommends using AC
coupling as shown in Figure 9-4 with a 50-Ω termination.
LMK04832-SEP
SNAS838A – OCTOBER 2022 – REVISED NOVEMBER 2022
www.ti.com
86
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LMK04832-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com