công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMK04832MPAPSEP bảng dữ liệu(PDF) 83 Page - Texas Instruments

tên linh kiện LMK04832MPAPSEP
Giải thích chi tiết về linh kiện  LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LMK04832MPAPSEP bảng dữ liệu(HTML) 83 Page - Texas Instruments

Back Button LMK04832MPAPSEP Datasheet HTML 79Page - Texas Instruments LMK04832MPAPSEP Datasheet HTML 80Page - Texas Instruments LMK04832MPAPSEP Datasheet HTML 81Page - Texas Instruments LMK04832MPAPSEP Datasheet HTML 82Page - Texas Instruments LMK04832MPAPSEP Datasheet HTML 83Page - Texas Instruments LMK04832MPAPSEP Datasheet HTML 84Page - Texas Instruments LMK04832MPAPSEP Datasheet HTML 85Page - Texas Instruments LMK04832MPAPSEP Datasheet HTML 86Page - Texas Instruments LMK04832MPAPSEP Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 102 page
background image
8.6.2.9.5 RB_DAC_VALUE (MSB), RB_CLKinX_SEL, RB_CLKinX_LOS
This register provides read back access to CLKinX selection indicator and CLKinX LOS indicator. The 2 MSBs
are shared with the RB_DAC_VALUE. See the RB_DAC_VALUE section for more information.
Table 8-83. Register 0x184
BIT
NAME
POR DEFAULT
DESCRIPTION
7:6
RB_DAC_VALUE[9:8]
See the RB_DAC_VALUE section.
5
RB_CLKin2_SEL
Read back 0: CLKin2 is not selected for input to PLL1.
Read back 1: CLKin2 is selected for input to PLL1.
4
RB_CLKin1_SEL
Read back 0: CLKin1 is not selected for input to PLL1.
Read back 1: CLKin1 is selected for input to PLL1.
3
RB_CLKin0_SEL
Read back 0: CLKin0 is not selected for input to PLL1.
Read back 1: CLKin0 is selected for input to PLL1.
2
N/A
1
RB_CLKin1_LOS
Read back 1: CLKin1 LOS is active.
Read back 0: CLKin1 LOS is not active.
0
RB_CLKin0_LOS
Read back 1: CLKin0 LOS is active.
Read back 0: CLKin0 LOS is not active.
8.6.2.9.6 RB_DAC_VALUE
Contains the value of the DAC for user readback.
Table 8-84. RB_DAC_VALUE[9:0]
MSB
LSB
0x184 [7:6] / RB_DAC_VALUE[9:8]
0x185 [7:0] / RB_DAC_VALUE[7:0]
Table 8-85. Registers 0x184 and 0x185
REGISTER
BIT
NAME
POR DEFAULT
0x184
7:6
RB_DAC_
VALUE[9:8]
2
DAC value is 512 on power on reset, if PLL1 locks upon
power-up the DAC value will change.
0x185
7:0
RB_DAC_
VALUE[7:0]
0
8.6.2.9.7 RB_HOLDOVER
Table 8-86. Register 0x188
BIT
NAME
POR DEFAULT
DESCRIPTION
7:5
N/A
Reserved
4
RB_HOLDOVER
Read back 0: Not in HOLDOVER.
Read back 1: In HOLDOVER.
3:0
N/A
Reserved
8.6.2.9.8 SPI_LOCK
Prevents SPI registers from being written to, except for 0x555.
This register cannot be read back.
Table 8-87. Register 0x555
BIT
NAME
POR DEFAULT
DESCRIPTION
7:0
SPI_LOCK
0
0: Registers unlocked.
1 to 255: Registers locked.
www.ti.com
LMK04832-SEP
SNAS838A – OCTOBER 2022 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
83
Product Folder Links: LMK04832-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com