công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMK04832MPAPSEP bảng dữ liệu(PDF) 85 Page - Texas Instruments

tên linh kiện LMK04832MPAPSEP
Giải thích chi tiết về linh kiện  LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LMK04832MPAPSEP bảng dữ liệu(HTML) 85 Page - Texas Instruments

Back Button LMK04832MPAPSEP Datasheet HTML 81Page - Texas Instruments LMK04832MPAPSEP Datasheet HTML 82Page - Texas Instruments LMK04832MPAPSEP Datasheet HTML 83Page - Texas Instruments LMK04832MPAPSEP Datasheet HTML 84Page - Texas Instruments LMK04832MPAPSEP Datasheet HTML 85Page - Texas Instruments LMK04832MPAPSEP Datasheet HTML 86Page - Texas Instruments LMK04832MPAPSEP Datasheet HTML 87Page - Texas Instruments LMK04832MPAPSEP Datasheet HTML 88Page - Texas Instruments LMK04832MPAPSEP Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 102 page
background image
Table 9-3. Crosstalk Matrix
CLK0,CLK1
CLK2,CLK3
CLK4,CLK5
CLK6,CLK7
CLK8,CLK9
CLK10,CLK11
CLK12,CLK13
CLK0,
CLK1
n/a
M
L
L
L
M
H
CLK2,
CLK3
M
n/a
M
L
L
M
M
CLK4,
CLK5
L
M
n/a
H
L
M
M
CLK6,
CLK7
L
L
H
n/a
L
M
M
CLK8,
CLK9
L
L
L
L
n/a
H
M
CLK10,
CLK11
M
M
M
M
H
n/a
H
CLK12,
CLK13
H
M
M
M
M
H
n/a
L = Low Crosstalk, M = Medium Crosstalk, H = High Crosstalk
9.1.3 Digital Lock Detect Frequency Accuracy
The digital lock detect circuit is used to determine PLL1 locked, PLL2 locked, and holdover exit events. A
window size and lock count register are programmed to set a ppm frequency accuracy of reference to feedback
signals of the PLL for each event to occur. When a PLL digital lock event occurs, the digital lock detect
of the PLL is asserted true. When the holdover exit event occurs, the device will exit holdover mode when
HOLDOVER_EXIT_MODE = 1 (Exit based on DLD).
Table 9-4. Digital Lock Detect Related Fields
EVENT
PLL
WINDOW SIZE
LOCK COUNT
PLL1 Locked
PLL1
PLL1_WND_SIZE
PLL1_DLD_CNT
PLL2 Locked
PLL2
PLL2_WND_SIZE
PLL2_DLD_CNT
Holdover exit
PLL1
PLL1_WND_SIZE
HOLDOVER_DLD_CNT
For a digital lock detect event to occur, there must be a lock count number of phase detector cycles of PLLX
during which the time and phase error of the PLLX_R reference and PLLX_N feedback signal edges are within
the user programmable window size. There must be at least one lock count phase detector event before a lock
event occurs, therefore a minimum digital lock event time can be calculated as lock count / fPDX where X = 1 for
PLL1 or 2 for PLL2.
By using Equation 4, values for a lock count and window size can be chosen to set the frequency accuracy
required by the system in ppm before the digital lock detect event occurs:
1e6 × PLLX_WND_SIZE × fPDX
PLLX_DLD_CNT
ppm =
(4)
The effect of the lock count value is that it shortens the effective lock window size by dividing the window size by
lock count.
If at any time the PLLX_R reference and PLLX_N feedback signals are outside the time window set by window
size, then the lock count value is reset to 0.
9.1.3.1 Minimum Lock Time Calculation Example
To calculate the minimum PLL2 digital lock time given a PLL2 phase detector frequency of 40 MHz and
PLL2_DLD_CNT = 10,000. Then, the minimum lock time of PLL2 will be 10,000 / 40 MHz = 250 µs.
www.ti.com
LMK04832-SEP
SNAS838A – OCTOBER 2022 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
85
Product Folder Links: LMK04832-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com