công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMK04832MPAPSEP bảng dữ liệu(PDF) 48 Page - Texas Instruments

tên linh kiện LMK04832MPAPSEP
Giải thích chi tiết về linh kiện  LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LMK04832MPAPSEP bảng dữ liệu(HTML) 48 Page - Texas Instruments

Back Button LMK04832MPAPSEP Datasheet HTML 44Page - Texas Instruments LMK04832MPAPSEP Datasheet HTML 45Page - Texas Instruments LMK04832MPAPSEP Datasheet HTML 46Page - Texas Instruments LMK04832MPAPSEP Datasheet HTML 47Page - Texas Instruments LMK04832MPAPSEP Datasheet HTML 48Page - Texas Instruments LMK04832MPAPSEP Datasheet HTML 49Page - Texas Instruments LMK04832MPAPSEP Datasheet HTML 50Page - Texas Instruments LMK04832MPAPSEP Datasheet HTML 51Page - Texas Instruments LMK04832MPAPSEP Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 102 page
background image
8.6.2.2.5 CLKoutY_SRC_MUX, SCLKX_Y_PD, SCLKX_Y_DIS_MODE, SCLKX_Y_POL, SCLKX_Y_HS
These registers set the half step for the device clock, the SYSREF output MUX, the SYSREF clock digital delay,
and half step.
Table 8-23. Registers 0x104, 0x10C, 0x114, 0x11C, 0x124, 0x12C, 0x134
BIT
NAME
POR DEFAULT
DESCRIPTION
7:6
NA
0
Reserved
5
CLKoutY_SRC_MUX
0
Select CLKoutX clock source. Source must also be powered up.
0: Device Clock
1: SYSREF
4
SCLKX_Y_PD
1
Power down the SYSREF clock output circuitry.
0: SYSREF enabled
1: Power down SYSREF path for clock pair.
3:2
SCLKX_Y_DIS_MODE
0
Set disable mode for clock outputs controlled by SYSREF. Some cases will
assert when SYSREF_GBL_PD = 1.
Field Value
Disable Mode
0 (0x00)
Active in normal operation
1 (0x01)
If SYSREF_GBL_PD = 1, the output is
a logic low, otherwise it is active.
2 (0x02)
If SYSREF_GBL_PD = 1, the output is
a nominal Vcm voltage for odd clock
channels(1) and low for even clocks.
Otherwise outputs are active.
3 (0x03)
Output is a nominal Vcm voltage(1)
1
SCLKX_Y_POL
0
Sets the polarity of clock on SCLKX_Y when SYSREF clock output is selected
with CLKoutX_MUX or CLKoutY_MUX.
0: Normal
1: Inverted
0
SCLKX_Y_HS
0
Sets the local SYSREF clock half step value.
0: No phase adjustment
1: Adjust device SYSREF phase -0.5 clock distribution path cycles.
(1)
If LVPECL mode is used with emitter resistors to ground, the output Vcm will be approximately 0 V, each pin will be approximately 0 V.
If CML mode is used with pullups to VCC, the output VCM will be approximately VCC V, each pin will be approximately VCC V.
LMK04832-SEP
SNAS838A – OCTOBER 2022 – REVISED NOVEMBER 2022
www.ti.com
48
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LMK04832-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com