công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMK04832MPAPSEP bảng dữ liệu(PDF) 32 Page - Texas Instruments

tên linh kiện LMK04832MPAPSEP
Giải thích chi tiết về linh kiện  LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LMK04832MPAPSEP bảng dữ liệu(HTML) 32 Page - Texas Instruments

Back Button LMK04832MPAPSEP Datasheet HTML 28Page - Texas Instruments LMK04832MPAPSEP Datasheet HTML 29Page - Texas Instruments LMK04832MPAPSEP Datasheet HTML 30Page - Texas Instruments LMK04832MPAPSEP Datasheet HTML 31Page - Texas Instruments LMK04832MPAPSEP Datasheet HTML 32Page - Texas Instruments LMK04832MPAPSEP Datasheet HTML 33Page - Texas Instruments LMK04832MPAPSEP Datasheet HTML 34Page - Texas Instruments LMK04832MPAPSEP Datasheet HTML 35Page - Texas Instruments LMK04832MPAPSEP Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 102 page
background image
If holdover is entered in this mode by setting CLKin_SEL_MANUAL = 3, then the device will re-lock to the
selected CLKin upon holdover exit.
8.3.6.2 Input Clock Switching - Pin Select Mode
When CLKin_SEL_AUTO_EN = 0 and CLKin_SEL_PIN_EN = 1, the active CLKin is selected by the
CLKin_SEL# and Status_LD1 pins.
Configuring Pin Select Mode
The CLKin_SEL0_TYPE must be programmed to an input value for the CLKin_SEL0 pin to function as an input
for pin select mode.
The CLKin_SEL1_TYPE must be programmed to an input value for the CLKin_SEL1 pin to function as an input
for pin select mode.
The polarity of the clock input select pins can be inverted with the CLKin_SEL_PIN_POL bit.
The pin select mode overrides the EN_CLKinX bits such that the CLKinX buffer operates even if CLKinX is
disabled with EN_CLKinX = 0. To switch as fast as possible, keep the clock input buffers enabled (EN_CLKinX =
1) that could be switched to.
8.3.6.3 Input Clock Switching - Automatic Mode
When CLKin_SEL_AUTO_EN = 1, LOS_EN = 1, and HOLDOVER_EXIT_MODE = 0 (Exit based on LOS), the
active clock is selected in priority order with CLKin0 being the highest priority, CLKin1 second, and CLKin2 third.
For a clock input to be eligible to be switched to, it must be enabled using EN_CLKinX. The LOS_TIMEOUT
should also be set to a frequency below the input frequency.
To ensure LOS is valid for AC-coupled inputs, the MOS mode must be set for the CLKin and no termination
is allowed to be between the pins unless the pins are DC-blocked. For example, no 100-Ω termination across
CLKin0 and CLKin0* pins on IC side of AC-coupling capacitors.
8.3.7 Digital Lock Detect (DLD)
Both PLL1 and PLL2 support digital lock detect. Digital lock detect compares the phase between the reference
path (R) and the feedback path (N) of the PLL. When the time error, which is phase error, between the two
signals is less than a specified window size (ε) a lock detect count increments. When the lock detect count
reaches a user specified value, PLL1_DLD_CNT or PLL2_DLD_CNT, lock detect is asserted true. Once digital
lock detect is true, a single phase comparison outside the specified window will cause digital lock detect to be
asserted false. This is illustrated in Figure 8-8.
PLLX Lock Count
PLLX_DLD_CNT
=
Phase Error < g
NO
NO
NO
YES
Phase Error < g
START
PLLX
Lock Detected = False
Lock Count = 0
Increment
PLLX Lock Count
PLLX
Lock Detected = True
YES
YES
Figure 8-8. Digital Lock Detect Flowchart
This incremental lock detect count feature functions as a digital filter to ensure that lock detect is not asserted for
only a brief time when the phases of R and N are within the specified tolerance for only a brief time during initial
phase lock.
See Digital Lock Detect Frequency Accuracy for more detailed information on programming the registers to
achieve a specified frequency accuracy in ppm with lock detect.
The digital lock detect signal can be monitored on the Status_LD1 or Status_LD2 pin. The pin may be
programmed to output the status of lock detect for PLL1, PLL2, or both PLL1 and PLL2.
LMK04832-SEP
SNAS838A – OCTOBER 2022 – REVISED NOVEMBER 2022
www.ti.com
32
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LMK04832-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com