| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32H7A3VG bảng dữ liệu(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32H7A3VG bảng dữ liệu(HTML) 3 Page - STMicroelectronics |
|
3 / 237 page ![]() Graphics • LCD-TFT controller up to XGA resolution • Chrom-ART graphical hardware Accelerator (DMA2D) to reduce CPU load • Hardware JPEG Codec • Chrom-GRC™ (GFXMMU) Up to 19 timers and 2 watchdogs • 2× 32-bit timers with up to 4 IC/OC/PWM or pulse counter and quadrature (incremental) encoder input (up to 280 MHz) • 2× 16-bit advanced motor control timers (up to 280 MHz) • 10× 16-bit general-purpose timers (up to 280 MHz) • 3× 16-bit low-power timers (up to 280 MHz) • 2× watchdogs (independent and window) • 1× SysTick timer • RTC with sub-second accuracy and hardware calendar Debug mode • SWD and JTAG interfaces • 4 KB Embedded Trace Buffer 1x 32-bit, NIST SP 800-90B compliant, true random generator 96-bit unique ID All packages are ECOPACK2 compliant STM32H7A3xI/G DS13195 - Rev 8 page 3/237 |