công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CS47L85 bảng dữ liệu(PDF) 81 Page - Cirrus Logic

tên linh kiện CS47L85
Giải thích chi tiết về linh kiện  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CIRRUS [Cirrus Logic]
Trang chủ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 bảng dữ liệu(HTML) 81 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 77Page - Cirrus Logic CS47L85 Datasheet HTML 78Page - Cirrus Logic CS47L85 Datasheet HTML 79Page - Cirrus Logic CS47L85 Datasheet HTML 80Page - Cirrus Logic CS47L85 Datasheet HTML 81Page - Cirrus Logic CS47L85 Datasheet HTML 82Page - Cirrus Logic CS47L85 Datasheet HTML 83Page - Cirrus Logic CS47L85 Datasheet HTML 84Page - Cirrus Logic CS47L85 Datasheet HTML 85Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 370 page
background image
CS47L85
Rev 4.3
81
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
5:1
EQ4_B3_GAIN
[4:0]
01100
EQ4 Band 3 Gain
-12dB to +12dB in 1dB steps
(see Table 11 for gain range)
0
EQ4_ENA
0
EQ4 Enable
0 = Disabled
1 = Enabled
R3667
(0E53h)
EQ4_2
15:11
EQ4_B4_GAIN
[4:0]
01100
EQ4 Band 4 Gain
-12dB to +12dB in 1dB steps
(see Table 11 for gain range)
10:6
EQ4_B5_GAIN
[4:0]
01100
EQ4 Band 5 Gain
-12dB to +12dB in 1dB steps
(see Table 11 for gain range)
0
EQ4_B1_MODE
0
EQ4 Band 1 Mode
0 = Shelving filter
1 = Peak filter
R3668
(0E54h)
to
R3686
(E66h)
15:0
EQ4_B1_*
EQ4_B2_*
EQ4_B3_*
EQ4_B4_*
EQ4_B5_*
EQ4 Frequency Coefficients
Refer to WISCE evaluation board control
software for the derivation of these field
values.
Table 10 EQ Enable and Gain Control
EQ GAIN SETTING
GAIN (
dB)
EQ GAIN SETTING
GAIN (
dB)
00000
-12
01101
+1
00001
-11
01110
+2
00010
-10
01111
+3
00011
-9
10000
+4
00100
-8
10001
+5
00101
-7
10010
+6
00110
-6
10011
+7
00111
-5
10100
+8
01000
-4
10101
+9
01001
-3
10110
+10
01010
-2
10111
+11
01011
-1
11000
+12
01100
0
11001 to 11111
Reserved
Table 11 EQ Gain Control Range
The CS47L85 performs automatic checks to confirm that the SYSCLK frequency is high enough to support the commanded
EQ and digital mixing functions. If an attempt is made to enable an EQ signal path, and there are insufficient SYSCLK cycles
to support it, then the attempt will be unsuccessful. (Note that any signal paths that are already active will not be affected
under these circumstances.)
The FX_STS field in Register R3585 indicates the status of each of the EQ, DRC and LHPF signal paths. If an Underclocked
Error condition occurs, then this register provides readback of which EQ, DRC or LHPF signal path(s) have been successfully
enabled.
The status bits in Registers R1600 to R3192 indicate the status of each of the digital mixers. If an Underclocked Error
condition occurs, then these bits provide readback of which mixer(s) have been successfully enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com