công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

5SY4-101-7 bảng dữ liệu(PDF) 25 Page - Siemens Semiconductor Group

tên linh kiện 5SY4-101-7
Giải thích chi tiết về linh kiện  Miniature Circuit-Breakers (MCBs)
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SIEMENS [Siemens Semiconductor Group]
Trang chủ  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

5SY4-101-7 bảng dữ liệu(HTML) 25 Page - Siemens Semiconductor Group

Back Button 5SY4-101-7 Datasheet HTML 21Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 22Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 23Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 24Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 25Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 26Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 27Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 28Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 29Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 64 page
background image
Description
2/25
Siemens I 2.1 · 2001
General Data
Miniature Circuit-Breakers (MCBs)
s Voltage-independent, selective main miniature circuit-breakers (SHU)
According to DIN VDE 0645
Selective main miniature circuit-
breakers are essentially based
on the mode of operation of
conventional MCBs and have a
delayed thermal release for
overload protection and an
electromagnetic fast release
with an impact armature for
short-circuit protection.
Further, a selectivity device is
included which identifies
whether the downstream MCB
in the load circuit can handle
the short circuit by itself or not.
For situations where the MCB
cannot handle the short circuit,
the selective main miniature cir-
cuit-breaker trips.
Independent of its rated
current, the selective main
miniature circuit-breaker guar-
antees a selectivity with regard
to the downstream MCBs acc.
to EN 60 898 and DIN VDE 0641
Part 11 up to their rated break-
ing capacity.
Further, the selective main
miniature circuit-breaker pro-
vides back-up protection up to
25 kA for all downstream MCBs.
In the past, sealed fuses were
generally used at the meter
panel to prevent power theft.
As a result of various modes of
operation and therefore
different characteristics only a
limited short-circuit selectivity
can be achieved in a cascade
of upstream fuses and down-
stream MCBs. This selectivity
depends on the difference of
the particular rated currents. If a
meter fuse was blown due to an
overcurrent or a short circuit,
the power supply company
service department had to be
called-in to replace the sealed
fuse because this could not be
done by a non-specialist.
The selective main miniature cir-
cuit-breaker, however, can be
reclosed by non-specialists.
The new selective main minia-
ture circuit-breaker offers the
following advantages for the
system/plant operator:
• Improved current limiting by
supporting the downstream
MCB using the selective main
miniature circuit-breaker
• System-compatibility, as, with
the exception of the down-
stream MCB, the operating
characteristics of other
devices are not influenced
• High and reliable selectivity
between the sub-distribution
and meter panel
• Safe, fast and economical re-
closure by non-specialists
• Reclosure is not possible as
long as the cause of the short
circuit has not been removed
• A tariff monitoring function
ensures that power taken from
the line is registered
• Isolator characteristics with
contact position indication
according to EN 60 204.
Application examples
Selectivity with regard to down-
stream MCBs up to the rated
breaking capacity
Selectivity with regard to up-
stream fuses up to 2 000 A
6 000
3
6 000
3
I2_06718b
230 V
SHU
MCB
S
*
E 25
B 16
NH
40gl
I2_06719b
230 V
SHU
MCB
S
*
Summary of technical data
Tripping characteristic E
Selective main miniature circuit-breaker
Standards
DIN VDE 0645
Tripping characteristic
E
Rated voltage
V AC
230/400
Rated breaking capacity
kA
25
Size acc. to DIN 43 880
5 when mounted on standard mounting rails acc. to
DIN EN 50 022
6 when mounted on busbars using an adapter
Insulation coordination
• Rated insulation voltage
V AC
690
• Degree of pollution
for overvoltage class IV
3
Connection
Individual connection or group connection
using busbars
Terminals
Saddle terminals on both ends
Cross sections
On both ends
• Stranded, max.
mm2
70
• Finely stranded, max.
mm2
50
12
3 4
6 8 10
20 30
1,5
5
15
6
4
2
1
0,2
0,1
0,01
0,02
0,04
0,06
0,4
0,6
10
20
40
1
2
4
6
10
20
40
60
120
1,05 1,2
56,25
I2-6664b
Multiple of rated current
A
i21_01.fm Seite 25 Mittwoch, 20. Juni 2001 10:09 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com