công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

5SY4-101-7 bảng dữ liệu(PDF) 18 Page - Siemens Semiconductor Group

tên linh kiện 5SY4-101-7
Giải thích chi tiết về linh kiện  Miniature Circuit-Breakers (MCBs)
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SIEMENS [Siemens Semiconductor Group]
Trang chủ  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

5SY4-101-7 bảng dữ liệu(HTML) 18 Page - Siemens Semiconductor Group

Back Button 5SY4-101-7 Datasheet HTML 14Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 15Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 16Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 17Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 18Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 19Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 20Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 21Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 22Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 64 page
background image
Description
2/18
Siemens I 2.1 · 2001
General Data
Miniature Circuit-Breakers (MCBs)
s Back-up protection MCBs/circuit-breakers
If MCBs are used in fuseless
distribution boards, circuit-
breakers are to be provided as
back-up protection according
to EN 60 947-2 and
DIN VDE 0660 Part 101.
The following table shows the
short-circuit currents in kA up to
which back-up protection is
guaranteed if circuit-breakers
are used.
Limit values of the MCBs/circuit-breakers
back-up protection in kA
Downstream MCBs
Upstream circuit-breakers
3VF3
adjustable
3VF3
fixed setting
In [A]
50
63
80
100
125
160
50
63
80
100
125
160
I >[A]
500
630
800
1 000
1 250
1600
400
500
630
800
1 000
1280
Icn [kA] 40/70/
100
40/70/
100
40/70/
100
40/70/
100
40/70/
100
40/70/
100
40/70/
100
40/70/
100
40/70/
100
40/70/
100
40/70/
100
40/70/
100
back-up-protection up to kA
5SX2/5SX4
Characteristic A,
Characteristic B,
Characteristic C,
Characteristic D
0.3-4 6/10
no back-up protection required up to 50 kA
66/10
50
50
50
50
50
50
50
50
50
50
50
50
8-20
6/10
25
25
25
25
25
25
25
25
25
25
25
25
25
6/10
20
20
20
20
20
20
20
20
20
20
20
20
32
6/10
20
20
20
20
20
20
20
20
20
20
20
20
40
6/10
20
20
20
20
20
20
20
20
20
20
20
20
50
6/10
10
10
10
10
10
10
10
10
10
10
10
10
63
6
10
10
10
10
10
10
10
10
10
10
10
10
5SY4/5SY7
Characteristic A,
Characteristic B,
Characteristic C,
Characteristic D
0.3-6
10/15
no back-up protection required up to 50 kA
8-10 10/15
35
35
35
35
35
35
35
35
35
35
35
35
13-16 10/15
35
35
35
35
35
35
35
35
35
35
35
35
20-25 10/15
25
25
25
25
25
25
25
25
25
25
25
25
32-40 10/15
25
25
25
25
25
25
25
25
25
25
25
25
50-63 10/15
20
20
20
20
20
20
20
20
20
20
20
20
Downstream MCBs
Upstream circuit-breakers
3VF4
3VF5
3VF6
3VF7
3VF8
3WN1/
3WS1
In [A]
125
160
200
250
200
250
315
400
315-
630
400-
1,250
1,600-
2,000
315-
6,300
I >[A]
1,250
1,600
2,000
2,500
2,000
2,500
3,150
4,000
3,200-
6,300
15,000 20,000 3,780-
75,600
Icn [kA] 40/70/
100
40/70/
100
40/70/
100
40/70/
100
45/70/
100
45/70/
100
45/70/
100
45/70/
100
45/70/
100
50/70/
100
70/100 65-100
back-up-protection up to kA
5SX2/5SX4
Characteristic A,
Characteristic B,
Characteristic C,
Characteristic D
0.3-4 6/10
no back-up protection required up to 50 kA
66/10
50
50
50
50
50
50
50
50
50
50
50
50
8-20
6/10
25
25
25
25
25
25
25
25
25
25
25
25
25
6/10
20
20
20
20
20
20
20
20
20
20
20
20
32
6/10
20
20
20
20
20
20
20
20
20
20
20
20
40
6/10
20
20
20
20
20
20
20
20
20
20
20
20
50
6/10
10
10
10
10
10
10
10
10
10
10
10
10
63
6
10
10
10
10
10
10
10
10
10
10
10
10
5SY4/5SY7
Characteristic A,
Characteristic B,
Characteristic C,
Characteristic D
0.3-6
10/15
no back-up protection required up to 50 kA
8-10 10/15
35
35
35
35
35
35
35
35
35
35
35
35
13-16 10/15
35
35
35
35
35
35
35
35
35
35
35
35
20-25 10/15
25
25
25
25
25
25
25
25
25
25
25
25
32-40 10/15
25
25
25
25
25
25
25
25
25
25
25
25
50-63 10/15
20
20
20
20
20
20
20
20
20
20
20
20
i21_01.fm Seite 18 Mittwoch, 20. Juni 2001 10:09 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com