công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

5SY4-101-7 bảng dữ liệu(PDF) 40 Page - Siemens Semiconductor Group

tên linh kiện 5SY4-101-7
Giải thích chi tiết về linh kiện  Miniature Circuit-Breakers (MCBs)
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SIEMENS [Siemens Semiconductor Group]
Trang chủ  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

5SY4-101-7 bảng dữ liệu(HTML) 40 Page - Siemens Semiconductor Group

Back Button 5SY4-101-7 Datasheet HTML 36Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 37Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 38Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 39Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 40Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 41Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 42Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 43Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 44Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 64 page
background image
Accessories for 5SX2, 5SX4, 5SX5
miniature circuit-breakers
2/40
Siemens I 2.1 · 2001
N-Type Standard and AC/DC Product Range
Miniature Circuit-Breakers (MCBs)
s 5ST2 1 Busbar system
Features
• Acc. to DIN 57 606 and
DIN 57 659
• Load at infeed
at one end/centered
50 A/90 A for 10 mm2
65 A/120 A for 16 mm2
• Single- and multi-phase
•Cu 10 mm2 and 16 mm2
fully insulated
• 18 mm lug spacing
• For connection at the bottom,
no additional terminal is re-
quired.
Length
Order No.
Price
Weight
Pack.
unit
mm
Items
Cu busbars 10 mm2
1 item
1 item
With end caps
1-phase
210
5ST2 137
0.090
25
2-phase
5ST2 138
0.100
10
3-phase
5ST2 140
0.150
Without end caps
1-phase
1,000
5ST2 146
0.410
10
2-phase
5ST2 147
0.520
5
3-phase
5ST2 148
0.840
10
Cu busbar 16 mm2
1 item
1 item
With end caps
1-phase
210
5ST2 142
0.100
25
2-phase
5ST2 143
0.150
10
3-phase
5ST2 144
0.230
3-phase + N
5ST2 145
0.320
Without end caps
1-phase
1,000
5ST2 151
0.490
10
2-phase
5ST2 152
0.700
5
3-phase
5ST2 153
1.100
10
3-phase + N
5ST2 154
1.500
5
Without end caps
lug spacing is adapted to the
busbar of devices
1-pole, 2-pole, 3-pole with 1 aux-
iliary switch each
1-phase + AS
1,000
5ST2 163
0.460
5
2-phase + AS
5ST2 164
0.900
5
3-phase + AS
5ST2 165
1.490
10
End caps and terminals
1 item
1 item
Required to isolate the ends of cut-to-length
busbars
1- and 2-phase
5ST2 155
0.013
10
3- and 4-phase
5ST2 156
0.017
Terminals up to 35 mm
2
(stranded)
for direct infeed into miniature cir-
cuit-breakers from the top or the
bottom, can be mounted side by
side
for busbar 1- and 2-phase
5ST2 166
0.002
10
for busbar 3- and 4-phase
5ST2 167
Terminal 35 mm2 (stranded)
100 items
100 items
for direct infeed into the
busbar system
side-by-side mounting
5ST2 157
3.000
10
For application examples of busbars see page 2/5.
i21_03.fm Seite 40 Mittwoch, 20. Juni 2001 10:12 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com