công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

5SY4-101-7 bảng dữ liệu(PDF) 63 Page - Siemens Semiconductor Group

tên linh kiện 5SY4-101-7
Giải thích chi tiết về linh kiện  Miniature Circuit-Breakers (MCBs)
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SIEMENS [Siemens Semiconductor Group]
Trang chủ  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

5SY4-101-7 bảng dữ liệu(HTML) 63 Page - Siemens Semiconductor Group

Back Button 5SY4-101-7 Datasheet HTML 56Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 57Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 58Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 59Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 60Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 61Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 62Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 63Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 64Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 63 / 64 page
background image
Accessories
2/63
Siemens I 2.1 · 2001
Power Supply Comp., Standard, AC/DC, Industry Guard/High-Current Product Range
Miniature Circuit-Breakers (MCBs)
Miniature Circuit -Breakers (MCBs)
s Inscription labels
Features
• Self-adhesive
• Inscription is possible
- by hand with non-smearing,
waterproof markers
- using computer-controlled
labeling systems.
Advantages
• Time and cost saving
• Standard size with legible in-
scription
• All types of inscriptions are
possible including special
characters
• Simple data entry and pro-
gram handling via interactive
dialogs
Information can be obtained
from:
Murrplastik-Systemtechnik
GmbH
Fabrikstrasse 10
D-71570 Oppenweiler
Germany
s Selection and ordering data
Order No.
Price
Weight
1 item
Pack.
unit
1 set
kg
set
Inscription labels (white)
15 x 9 mm, 3 frames with 44 labels each,
to be stuck onto the lower housing collar
5ST2 173
0.038
1
Screw-in design acc. to DIN 49 500, 6 kA
V
s Features
s Application
s Design
• Un: 230/400 V AC, 50 - 60 Hz;
250 V DC
• In: 6 to 25 A
• Icn: 6 000 A.
Applicable in fuse bases with
size DII/E 27.
Operation with pushbuttons.
s Selection and ordering data
In
Order No.
Price
Weight
1 item
Pack.
unit
A
1 item
kg
Items
Characteristic L
1-pole
6
5SJ2 062
0.120
10
10
5SJ2 102
16
5SJ2 162
20
5SJ2 202
0.130
25
5SJ2 252
According to the valid VDE standard 0641 Part 3/04.84, screw-in MCBs may also be
used with characteristic L in the future.
Planning Aid
Dimensions
s 5SX N-type miniature circuit-breaker
s 5SQ Miniature circuit-breaker
5SX2, 5SX4, 5SX5
5SQ3 5..
44
55
7
18
36
54
72
7
8
5
6
3
4
1
2
5
6
3
4
1
2
3
4
1
2
1
2
7
44
58
17,5
L N
L N
i21_06.fm Seite 63 Mittwoch, 20. Juni 2001 10:17 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com