công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

5SY4-101-7 bảng dữ liệu(PDF) 20 Page - Siemens Semiconductor Group

tên linh kiện 5SY4-101-7
Giải thích chi tiết về linh kiện  Miniature Circuit-Breakers (MCBs)
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SIEMENS [Siemens Semiconductor Group]
Trang chủ  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

5SY4-101-7 bảng dữ liệu(HTML) 20 Page - Siemens Semiconductor Group

Back Button 5SY4-101-7 Datasheet HTML 16Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 17Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 18Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 19Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 20Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 21Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 22Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 23Page - Siemens Semiconductor Group 5SY4-101-7 Datasheet HTML 24Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 64 page
background image
Description
2/20
Siemens I 2.1 · 2001
General Data
Miniature Circuit-Breakers (MCBs)
s Personnel protection using MCBs
According to DIN VDE 0100
Part 410, to provide protection
against hazardous shock cur-
rents in TN supply networks, the
dimensioning of the cross sec-
tions of conductors and/or their
lengths after the protective
device must ensure that a fault
with negligible impedance (i.e.
a short circuit) at an arbitrary
position between an external
and a protective conductor or a
connected exposed conductive
part causes an automatic
disconnection within the speci-
fied times of 0.4 s or 5 s.
This requirement is met by the
following condition:
Zs x Ia ≤ Uo
Zs
r Impedance of the entire
fault loop circuit
Ia
r Current, which causes
the disconnection within
the specified times
Uo r Voltage to ground
Maximum permissible impedance of the fault loop at Uo = 230 V AC
to comply with the disconnection condition according to DIN VDE 0100 Part 410.
In [A]
Characteristic A
Characteristic B
Characteristic C
Characteristic D
ta ≤ 0.4 s
≤ 5 s
ta ≤ 0.4 s
≤ 5 s
ta ≤ 5 s
≤ 5 s
ta ≤ 0.4 s
≤ 5 s
Ω
Ω
Ω
Ω
Ω
Ω
Ω
Ω
5SX, 5SY, 5SP4
0.3
-
-
-
-
76.6
153
-
-
0.5
-
-
-
-
46
92
-
92
1.0
76.6
76.6
-
-
23
46
15.3
46
1.6
47.9
47.9
-
-
14.4
28.8
9.6
28.8
2
38.3
38.3
-
-
11.5
23
7.6
23
3
25.5
25.5
-
-
7.7
15.4
5.1
15.4
4
19.1
19.1
-
-
5.8
11.6
3.8
11.6
6
12.7
12.7
7.6
7.6
3.8
7.6
2.5
7.6
8
-
-
-
-
2.8
5.7
1.9
5.7
10
7.6
7.6
4.6
4.6
2.3
4.6
1.1
4.6
13
-
-
-
3.57
1.7
3.4
0.9
3.4
16
4.7
4.7
2.9
2.9
1.4
2.8
0.7
2.8
20
3.8
3.8
2.3
2.3
1.1
2.2
0.5
2.2
25
3.0
3.0
1.8
1.8
0.9
1.8
0.4
1.8
32
2.4
2.4
1.4
1.4
0.7
1.4
0.3
1.4
40
1.9
1.9
1.1
1.1
0.6
1.2
0.28
1.2
50
-
-
0.9
0.9
0.5
1.0
0.23
1.0
63
-
-
0.7
0.7
0.4
0.8
0.2
0.8
80
-
-
-
-
0.3
0.6
0.14
0.6
100
-
-
-
-
0.2
0.4
0.1
0.4
125
-
-
-
-
0.16
0.3
0.1
0.3
For
Uo = 240 V AC, Zs x 1.04.
For
Uo = AC 127 V, Zs x 0.55.
i21_01.fm Seite 20 Mittwoch, 20. Juni 2001 10:09 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com