công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

5SW1-200 bảng dữ liệu(PDF) 61 Page - Siemens Semiconductor Group

tên linh kiện 5SW1-200
Giải thích chi tiết về linh kiện  Miniature Circuit-Breakers (MCBs)
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SIEMENS [Siemens Semiconductor Group]
Trang chủ  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

5SW1-200 bảng dữ liệu(HTML) 61 Page - Siemens Semiconductor Group

Back Button 5SW1-200 Datasheet HTML 56Page - Siemens Semiconductor Group 5SW1-200 Datasheet HTML 57Page - Siemens Semiconductor Group 5SW1-200 Datasheet HTML 58Page - Siemens Semiconductor Group 5SW1-200 Datasheet HTML 59Page - Siemens Semiconductor Group 5SW1-200 Datasheet HTML 60Page - Siemens Semiconductor Group 5SW1-200 Datasheet HTML 61Page - Siemens Semiconductor Group 5SW1-200 Datasheet HTML 62Page - Siemens Semiconductor Group 5SW1-200 Datasheet HTML 63Page - Siemens Semiconductor Group 5SW1-200 Datasheet HTML 64Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 61 / 64 page
background image
Additional components for 5SY4/5SY7/5SP4
miniature circuit-breakers
2/61
Siemens I 2.1 · 2001
Industry Guard/High-Current Product Range
Miniature Circuit-Breakers (MCBs)
s Shunt trips
Features
• Operating limit acc. to
DIN VDE 0660 Part 100,
7.2.1.4
• For voltages:
110 up to 415 V AC, 110 V DC
24 up to 48 V DC
• Can be connected via binary
outputs to
instabus EIB and
AS-Interface bus.
Application
Remote-controlled tripping of
the MCB.
s Undervoltage release
Features
• Operating limits acc. to
DIN VDE 0660 Part 100,
7.2.1.3
• For voltages:
230 V AC
110 V DC
24 V AC
• Can be connected via binary
outputs to
instabus EIB und
AS-Interface bus.
Application
• Can be used as remote re-
lease in an EMERGENCY
STOP circuit
• Ensures disconnection of the
control circuit acc. to
EN 60 204
• In the event of an interrupted
voltage or undervoltage, the
undervoltage release trips the
miniature circuit-breaker or
prevents it from being
switched on.
s Selection and ordering data
MW
Order No.
Price
1 item
Weight
1 item
Pack.
unit
kg
Items
Shunt trip (ST)
110-415 V AC
1
5ST3 030
0.090
1
24-48 V DC
1
5ST3 031
Undervoltage release (UR)
230 V AC
1
5ST3 040
0.115
1
110 V DC
5ST3 041
24 V DC
5ST3 042
230 V AC
1
5ST3 043
110 V DC
5ST3 044
24 V DC
5ST3 045
For dimension drawings and terminal connections see page 2/64.
C1
C2
D2
D1
U
13
14
23
24
<
D2
D1
U
i21_05.fm Seite 61 Mittwoch, 20. Juni 2001 10:15 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com