công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

5SW1-200 bảng dữ liệu(PDF) 42 Page - Siemens Semiconductor Group

tên linh kiện 5SW1-200
Giải thích chi tiết về linh kiện  Miniature Circuit-Breakers (MCBs)
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SIEMENS [Siemens Semiconductor Group]
Trang chủ  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

5SW1-200 bảng dữ liệu(HTML) 42 Page - Siemens Semiconductor Group

Back Button 5SW1-200 Datasheet HTML 38Page - Siemens Semiconductor Group 5SW1-200 Datasheet HTML 39Page - Siemens Semiconductor Group 5SW1-200 Datasheet HTML 40Page - Siemens Semiconductor Group 5SW1-200 Datasheet HTML 41Page - Siemens Semiconductor Group 5SW1-200 Datasheet HTML 42Page - Siemens Semiconductor Group 5SW1-200 Datasheet HTML 43Page - Siemens Semiconductor Group 5SW1-200 Datasheet HTML 44Page - Siemens Semiconductor Group 5SW1-200 Datasheet HTML 45Page - Siemens Semiconductor Group 5SW1-200 Datasheet HTML 46Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 64 page
background image
Accessories for 5SX2, 5SX4, 5SX5
miniature circuit-breakers
2/42
Siemens I 2.1 · 2001
N-Type Standard and AC/DC Product Range
Miniature Circuit-Breakers (MCBs)
s Mounting and cover parts
Length
Order No.
Price
Weight
Pack.
unit
mm
kg
Items
Cable links
100 items
100 items
6 mm2 cross section
end sleeves on both ends,
5SX MCBs
125
5ST1 292
0.850
50
250
5ST1 293
1.700
50
Snap-on terminal
for 16 mm2 solid or
10 mm
2 stranded
width 0.5 MW
5ST2 112
0.840
50
Spacer
(contour of N-type MCB, 0.5 MW)
5ST2 122
0.900
10
Packer
to increase the height from 53 to 60 mm
snap-snap adapter
1 MW
5ST2 120
0.200
10
Fixing parts
1 MW (sheet metal)
5ST2 121
1.700
10
1 item
1 item
4 MW (plastic)
5ST2 201
0.012
20
Handle locking device
1 item
1 item
for 1-pole 5SX N-type MCBs for protecting
against unintended mechanical
switching (red part)
5ST2 168
0.007
1
disconnection (transparent part)
5ST2 170
Terminal cover, gray
surface mounting, degree of protection IP 40
with 35 mm standard mounting rail, sealable
up to 2.5 MW
5SW3 004
0.090
10
up to 4.5 MW
5SW3 005
0.120
5
flush mounting, degree of protection IP 40
with 35 mm standard mounting rail
up to 2.5 MW
5SW3 006
0.130
10
up to 4.5 MW
5SW3 007
0.150
5
Molded-plastic enclosure
surface mounting, IP 54 with 35 mm stan-
dard mounting rail, sealable with transparent
flap
up to 4.5 MW
5SW1 200
0.500
1
Cover
for assembly of mini distribution boards
cover parts are prepared for mounting of
standard label caps consisting of
• end plate
(can be snapped onto standard mounting
rail)
5ST2 134
0.022
10
• angled profile (approx. 1 m long)
5ST2 135
0.330
5
• or alternatively flat profile (as cover be-
tween the rows of devices).
5ST2 136
0.260
i21_03.fm Seite 42 Mittwoch, 20. Juni 2001 10:12 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com