công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F51116ADLF bảng dữ liệu(PDF) 101 Page - Renesas Technology Corp

tên linh kiện R5F51116ADLF
Giải thích chi tiết về linh kiện  32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory, USB 2.0 full-speed host/function/OTG, up to 6 comms channels, 12-bit A/D, 8-bit D/A, RTC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F51116ADLF bảng dữ liệu(HTML) 101 Page - Renesas Technology Corp

Back Button R5F51116ADLF Datasheet HTML 97Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 98Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 99Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 100Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 101Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 102Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 103Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 104Page - Renesas Technology Corp R5F51116ADLF Datasheet HTML 105Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 127 page
background image
R01DS0190EJ0130 Rev.1.30
Page 101 of 127
May 31, 2016
RX111 Group
5. Electrical Characteristics
Note: • The characteristics apply when no pin functions other than A/D converter input are used. Absolute accuracy includes
quantization errors. Offset error, full-scale error, DNL differential nonlinearity error, and INL integral nonlinearity error do not
include quantization errors.
Note 1. The conversion time is the sum of the sampling time and the comparison time. As the test conditions, the number of sampling
states is indicated.
Note 2. The value in parentheses indicates the sampling time.
Note: • The characteristics apply when no pin functions other than A/D converter input are used. Absolute accuracy includes
quantization errors. Offset error, full-scale error, DNL differential nonlinearity error, and INL integral nonlinearity error do not
include quantization errors.
Note 1. The conversion time is the sum of the sampling time and the comparison time. As the test conditions, the number of sampling
states is indicated.
Note 2. The value in parentheses indicates the sampling time.
Table 5.39
A/D Conversion Characteristics (2)
Conditions: 2.4 V ≤ VCC = VCC_USB ≤ 3.6 V, 2.4 V ≤ AVCC0 ≤ 3.6 V, 2.4 V ≤ VREFH0 ≤ AVCC0, VSS = AVSS0 = VREFL0 =
VSS_USB = 0 V, Ta = –40 to +105°C
Item
Min.
Typ.
Max.
Unit
Test Conditions
Frequency
4—
16
MHz
Resolution
——
12
Bit
Conversion time*1
(Operation at
PCLKD = 16 MHz)
Permissible signal source
impedance (Max.) = 1.0 kΩ
2.062
(0.625)*2
——
µs
High-precision channel
ADCSR.ADHSC bit = 1
ADSSTRn.SST[7:0] bits = 09h
2.750
(1.313)*2
——
µs
Normal-precision channel
ADCSR.ADHSC bit = 1
ADSSTRn.SST[7:0] bits = 14h
Analog input effective range
0
—
VREFH0
V
Offset error
—
±0.5
±6.0
LSB
Full-scale error
—
±1.25
±6.0
LSB
Quantization error
—
±0.5
—
LSB
Absolute accuracy
—
±3.0
±8.0
LSB
DNL differential nonlinearity error
—
±1.0
—
LSB
INL integral nonlinearity error
—
±1.5
±3.0
LSB
Table 5.40
A/D Conversion Characteristics (3)
Conditions: 1.8 V ≤ VCC = VCC_USB ≤ 3.6 V, 1.8 V ≤ AVCC0 ≤ 3.6 V, 1.8 V ≤ VREFH0 ≤ AVCC0,
VSS = AVSS0 = VREFL0 = VSS_USB = 0 V, Ta = –40 to +105°C
Item
Min.
Typ.
Max.
Unit
Test Conditions
Frequency
1—8
MHz
Resolution
——
12
Bit
Conversion time*1
(Operation at
PCLKD = 8 MHz)
Permissible signal source
impedance (Max.) = 5.0 kΩ
4.875
(1.250)*2
——
µs
High-precision channel
ADCSR.ADHSC bit = 0
ADSSTRn.SST[7:0] bits = 09h
6.250
(2.625)*2
——
Normal-precision channel
ADCSR.ADHSC bit = 0
ADSSTRn.SST[7:0] bits = 14h
Analog input effective range
0
—
VREFH0
V
Offset error
—
±0.5
±24.0
LSB
Full-scale error
—
±1.25
±24.0
LSB
Quantization error
—
±0.5
—
LSB
Absolute accuracy
—
±2.75
±32.0
LSB
DNL differential nonlinearity error
—
±1.0
—
LSB
INL integral nonlinearity error
—
±1.25
±12.0
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com