công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EVAL-ADE9430ARDZ bảng dữ liệu(PDF) 17 Page - Analog Devices

tên linh kiện EVAL-ADE9430ARDZ
Giải thích chi tiết về linh kiện  High Performance, Polyphase Energy, and Class S Power Quality Monitoring IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE9430ARDZ bảng dữ liệu(HTML) 17 Page - Analog Devices

Back Button EVAL-ADE9430ARDZ Datasheet HTML 13Page - Analog Devices EVAL-ADE9430ARDZ Datasheet HTML 14Page - Analog Devices EVAL-ADE9430ARDZ Datasheet HTML 15Page - Analog Devices EVAL-ADE9430ARDZ Datasheet HTML 16Page - Analog Devices EVAL-ADE9430ARDZ Datasheet HTML 17Page - Analog Devices EVAL-ADE9430ARDZ Datasheet HTML 18Page - Analog Devices EVAL-ADE9430ARDZ Datasheet HTML 19Page - Analog Devices EVAL-ADE9430ARDZ Datasheet HTML 20Page - Analog Devices EVAL-ADE9430ARDZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
Data Sheet
ADE9430
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 17 of 35
ENERGY LINEARITY REPEATABILITY
Total energies obtained from a sinusoidal voltage with an amplitude of 50% of full scale and a frequency of 50 Hz, a sinusoidal current with
variable amplitudes from 100% of full scale down to 0.01% of full scale, and a frequency of 50 Hz. Fundamental energies obtained with a
fundamental voltage component, with an amplitude of 50% of full scale in phase with the fifth harmonic, a current with a 50 Hz component
that has variable amplitudes from 100% of full scale down to 0.01% of full scale, and a fifth harmonic with a constant amplitude of 40% of
fundamental. Measurements at 25°C repeated 30 times, unless otherwise noted.
Figure 22. Total Active Energy Error as a Percentage of Full-Scale Current,
Power Factor = 1 (Standard Deviation σ = 0.02% at 0.01% of Full-Scale
Current)
Figure 23. Total Reactive Energy Error as a Percentage of Full-Scale Current,
Power Factor = 0 (Standard Deviation σ = 0.03% at 0.01% of Full-Scale
Current)
Figure 24. Fundamental Active Energy Error as a Percentage of Full-Scale
Current, Power Factor = 1 (Standard Deviation σ = 0.03% at 0.01% of Full-
Scale Current)
Figure 25. Fundamental Reactive Energy Error as a Percentage of Full-Scale
Current, Power Factor = 0 (Standard Deviation σ = 0.04% at 0.01% of Full-
Scale Current)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com