| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EVAL-ADE9430ARDZ bảng dữ liệu(PDF) 26 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
EVAL-ADE9430ARDZ bảng dữ liệu(HTML) 26 Page - Analog Devices |
|
26 / 35 page ![]() Data Sheet ADE9430 THEORY OF OPERATION analog.com Rev. 0 | 26 of 35 AFWATT, BFWATT, and CFWATT registers. With full-scale inputs, the xWATT and xFWATT value are 20,694,066 decimals. Enable the LPF2 (DISAPLPF = 0) for normal operation. Disable LFP2 by setting DISAPLPF in the CONFIG0 register to obtain instantaneous total active power. DISAPLPF is zero at reset. The total and fundamental measurements can be calibrated for gain and offset. The following equations indicate how the gain and offset calibration registers modify the results in the corresponding power registers: xWATT= 1+xPGAIN227 xWATT0+xWATTOS (6) xFWATT= 1+xPGAIN227 xFWATT0 +xFWATTOS (7) xPGAIN is a common gain to total and fundamental components of active, reactive, and apparent powers. See the ADE9430 Technical Reference Manual for additional infor- mation. Total and Fundamental Reactive Power The ADE9430 offers the total and fundamental reactive power measurements on all channels. Figure 45 shows how to perform the total reactive power calculation. Figure 45. Total Reactive Power, AVAR, Calculation The reactive power calculations, one for each channel AVAR, BVAR, and CVAR, are updated every 8 kSPS. The fundamental reactive power is also updated every 8 kSPS and is available in the AFVAR, BFVAR, and CFVAR registers. With full-scale inputs, the xVAR and xFVAR value are 20,694,066. Enable the LPF2 (DISRPLPF = 0) for normal operation. Disable LFP2 by setting DISRPLPF in the CONFIG0 register to obtain instantaneous total reactive power. DISRPLPF is 0 at reset. The following equations indicate how the gain and offset calibration registers modify the result in the corresponding power registers: xVAR= 1+xPGAIN227 xVAR0+xVAROS (8) xFVAR= 1+xPGAIN227 xFVAR0+xFVAROS (9) See the ADE9430 Technical Reference Manual for additional infor- mation. Total and Fundamental Apparent Power The ADE9430 offers the total and fundamental apparent power measurements on all channels. See Figure 46 for how to calculate the total apparent power for Phase A. Figure 46. Total Apparent Power, AVA, Calculation for Phase A The total apparent power calculations, one for each channel AVA, BVA, and CVA, are updated every 8 kSPS. The fundamental appa- rent power is also updated every 8 kSPS and is available in the AFVA, BFVA, and CFVA registers. With full-scale inputs, the xVA and xFVA value are 20,694,066 decimals. The ADE9430 offers a register (VNOM) that can be set to a value to correspond to the desired voltage rms value. If the VNOMx_EN bits in the CONFIG0 register are set, VNOM multiplies by xIRMS when calculating xVA. See the ADE9430 Technical Reference Manual for additional infor- mation. No Load Detection, Energy Accumulation, and Power Accumulation Features The ADE9430 calculates the total and fundamental values of ac- tive, reactive, and apparent energy for all the three phases. The ADE9430 can have signed, absolute, positive, or negative only accumulation on active and reactive energies using the WATTACC and VARACC bits in the ACCMODE register. The default accumu- lation mode is signed. See the ADE9430 Technical Reference Manual for additional information. No Load Detection Feature The ADE9430 has a no load detection for each phase and energy to prevent energy accumulation due to noise. If the accumulated energy over the user defined time period is below the user defined threshold, zero energy is accumulated into the energy register. The NOLOAD_TMR bits in the EP_CFG register determine the no load time period and the ACT_NL_LVL, REACT_NL_LVL, and APP_NL_LVL registers contain the user defined no load threshold. The no load status is available in the PHNOLOAD register, the IRQ1 interrupt, and the EVENT pin. See the ADE9430 Technical Reference Manual for additional infor- mation. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |