công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EVAL-ADE9430ARDZ bảng dữ liệu(PDF) 34 Page - Analog Devices

tên linh kiện EVAL-ADE9430ARDZ
Giải thích chi tiết về linh kiện  High Performance, Polyphase Energy, and Class S Power Quality Monitoring IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE9430ARDZ bảng dữ liệu(HTML) 34 Page - Analog Devices

Back Button EVAL-ADE9430ARDZ Datasheet HTML 27Page - Analog Devices EVAL-ADE9430ARDZ Datasheet HTML 28Page - Analog Devices EVAL-ADE9430ARDZ Datasheet HTML 29Page - Analog Devices EVAL-ADE9430ARDZ Datasheet HTML 30Page - Analog Devices EVAL-ADE9430ARDZ Datasheet HTML 31Page - Analog Devices EVAL-ADE9430ARDZ Datasheet HTML 32Page - Analog Devices EVAL-ADE9430ARDZ Datasheet HTML 33Page - Analog Devices EVAL-ADE9430ARDZ Datasheet HTML 34Page - Analog Devices EVAL-ADE9430ARDZ Datasheet HTML 35Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 34 / 35 page
background image
Data Sheet
ADE9430
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 34 of 35
WAVEFORM BUFFER
The ADE9430 has a waveform buffer comprised of 2048, 32-bit
memory locations.
Continuous resampled waveforms with 1024 points per 10 or 12
line cycles processed by the DSP. The data rate varies with the
line period. The waveform buffer holds approximately 100 ms of
waveform data per channel.
Use the SPI burst read mode to read the waveform buffer contents.
The default value bursts out all the channels in the waveform buffer.
The waveform buffer generates an interrupt on IRQ0 after half the
buffer is full and the last address is filled. The DSP must be on to
use the waveform buffer.
See the ADE9430 Technical Reference Manual for additional infor-
mation.
INTERRUPTS AND EVENTS
The ADE9430 has three pins (IRQ0, IRQ1, and CF4/EVENT/
DREADY) that can be used as interrupts to the host processor. The
IRQ0 and IRQ1 pins go low when an enabled interrupt occurs and
stay low until the event is acknowledged by setting the correspond-
ing status bit in the STATUS0 and STATUS1 registers, respectively.
The bits in the MASK0 and MASK1 registers configure respective
interrupts. The EVENT function, which can multiplex with the CF4
and DREADY options, tracks the state of the enabled signals and
goes low and high with these internal signals. The CF4_CFG bits in
CONFIG1 register set the CF4/EVENT/DREADY pin functionality.
See the ADE9430 Technical Reference Manual for additional infor-
mation.
ACCESSING ON-CHIP DATA
SPI Protocol Overview
The ADE9430 has an SPI-compatible interface, consisting of four
pins: SCLK, MOSI, MISO, and SS. The ADE9430 is always an
SPI subordinate; it never initiates SPI communication. The SPI
is compatible with 16-bit and 32-bit read and write operations.
The maximum serial clock frequency supported by this interface is
20 MHz.
The ADE9430 provides SPI burst read functionality on certain
registers and the waveform buffer that allows multiple registers to
be read after sending one CMD_HDR.
See the ADE9430 Technical Reference Manual for additional infor-
mation.
Figure 54. Command Header, CMD_HDR
The ADE9430 SPI port calculates a 16-bit cyclic redundancy check
(CRC-16) of the data sent out on its MOSI pin so that the integrity
of the data received by the main can be checked. The CRC of
the data sent out on the MOSI pin during the last register read is
offered in a 16-bit register, CRC_SPI, and can be appended to the
SPI read data as part of the SPI transaction.
Additional Communication Verification
Registers
The ADE9430 includes three registers that allow SPI operation
verification. The LAST_CMD (Address 0x4AE), LAST_DATA_16
(Address 0x4AC), and LAST_DATA_32 (Address 0x423) registers
record the received CMD_HDR and the last read or transmitted
data. See the ADE9430 Technical Reference Manual for additional
information.
CRC of Configuration Registers
The configuration register CRC feature in the ADE9430 monitors
certain externally and internally accessible register values. It also
optionally includes 15 registers that are individually selectable in
the CRC_OPTEN register. The result is stored in the CRC_RSLT
register. The ADE9430 generates an interrupt on IRQ1 if any of the
monitored registers change the value of the CRC_RSLT register.
See the ADE9430 Technical Reference Manual for additional infor-
mation.
Configuration Lock
The configuration lock feature prevents changes to the ADE9430
configuration. To enable this feature, write 0x3C64 to the
WR_LOCK register. To disable the feature, write 0x4AD1 to the
WR_LOCK register.
To determine whether this feature is active, read the WR_LOCK
register, which reads as 1 if the protection is enabled and 0 if it is
disabled.
When this feature is enabled, it prevents writing to addresses from
Address 0x000 to Address 0x073 and Address 0x400 to Address
0x4FE. See the ADE9430 Technical Reference Manual for addition-
al information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com