công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EVAL-ADE9430ARDZ bảng dữ liệu(PDF) 24 Page - Analog Devices

tên linh kiện EVAL-ADE9430ARDZ
Giải thích chi tiết về linh kiện  High Performance, Polyphase Energy, and Class S Power Quality Monitoring IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE9430ARDZ bảng dữ liệu(HTML) 24 Page - Analog Devices

Back Button EVAL-ADE9430ARDZ Datasheet HTML 20Page - Analog Devices EVAL-ADE9430ARDZ Datasheet HTML 21Page - Analog Devices EVAL-ADE9430ARDZ Datasheet HTML 22Page - Analog Devices EVAL-ADE9430ARDZ Datasheet HTML 23Page - Analog Devices EVAL-ADE9430ARDZ Datasheet HTML 24Page - Analog Devices EVAL-ADE9430ARDZ Datasheet HTML 25Page - Analog Devices EVAL-ADE9430ARDZ Datasheet HTML 26Page - Analog Devices EVAL-ADE9430ARDZ Datasheet HTML 27Page - Analog Devices EVAL-ADE9430ARDZ Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
Data Sheet
ADE9430
THEORY OF OPERATION
analog.com
Rev. 0 | 24 of 35
ADC_REDIRECT Multiplexer
The ADE9430 provides a multiplexer that allows any ADC output to
be redirected to any digital processing datapath (see Figure 40).
By default, each modulator is mapped to its corresponding data-
path. See the ADE9430 Technical Reference Manual for additional
information.
Figure 40. ADC_REDIRECT Modulator to Digital Datapath Multiplexing
Current Channel Gain, xIGAIN
The ADE9430 provides current gain calibration registers (AIGAIN,
BIGAIN, CIGAIN, and NIGAIN), one for each current channel.
The current channel gain varies with xIGAIN as shown in the
following equation:
Current Channel Gain = (1 + (xIGAIN/227))
See the ADE9430 Technical Reference Manual for additional infor-
mation.
IB Calculation Using ICONSEL
Write to the ICONSEL bit in the ACCMODE register to calculate
IB = −IA − IC. This setting can help save the cost of a current
transformer in some 3-wire delta configurations. See the ADE9430
Technical Reference Manual for additional information.
High-Pass Filter
A high-pass filter removes dc offsets for accurate rms and energy
measurements. This filter is enabled by default with a corner fre-
quency of 1.25 Hz.
To disable the high-pass filter on all current and voltage channels
set the HPFDIS bit in the CONFIG0 register. The corner frequency
is configured with the HPF_CRN bits in the CONFIG2 register.
See the ADE9430 Technical Reference Manual for additional infor-
mation.
Phase Compensation
The ADE9430 provides a phase compensation register for
each current channel: APHCALx, BPHCALx, CPHCALx, and
NPHCAL.
The phase calibration range is −15° to +2.25° at 50 Hz and −15° to
+2.7° at 60 Hz.
Use the following equation to calculate the xPHCALx value for a
given phase correction (φ)° angle. Phase correction (φ)° is positive
to correct a current that lags the voltage and negative to correct a
current that leads the voltage, as seen in a current transformer.
xPHCALx = sinϕ–ω +sinω
sin2ω – ϕ
 ×227 (3)
ω = 2π × fLINE/fDSP
where:
fLINE is the line frequency.
fDSP is 8 kHz.
See the ADE9430 Technical Reference Manual for additional infor-
mation.
Multipoint Phase and Gain Calibration
The ADE9430 allows multipoint gain and phase compensation with
hysteresis on the IA, IB, and IC current channels. The multipoint
gain and phase compensation is not applied the resampled data.
The current channel gain and phase compensation vary as a
function of the calculated input current rms amplitude in xIRMS.
There are five gain registers (xIGAIN0 to xIGAIN4) and five phase
calibration registers (xPHCAL0 to xPHCAL4) for each channel. Set
the MTEN bit in the CONFIG0 register to enable multipoint gain and
phase calibration. MTEN = 0 by default.
The gain and phase calibration factor is applied based on
the xIRMS current amplitude and the MTTHR_Lx and the
MTTHR_Hx register values, as shown in Figure 41.
See the ADE9430 Technical Reference Manual for additional infor-
mation.
Figure 41. Multipoint Phase and Gain Calibration
Voltage Channel
The ADE9430 has three voltage channels. The datapaths for the
VA, VB, and VC voltage channels are shown in Figure 42. The
xVGAIN registers calibrate the voltage channel of each phase. The
xVGAIN registers have the same scaling as the xIGAIN registers.
See the ADE9430 Technical Reference Manual for additional infor-
mation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com