| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EVAL-ADE9430ARDZ bảng dữ liệu(PDF) 25 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
EVAL-ADE9430ARDZ bảng dữ liệu(HTML) 25 Page - Analog Devices |
|
25 / 35 page ![]() Data Sheet ADE9430 THEORY OF OPERATION analog.com Rev. 0 | 25 of 35 Figure 42. Voltage Channel Datapath RMS and Power Measurements The ADE9430 calculates the total and fundamental values of rms current, rms voltage, active power, reactive power, and apparent power. The fundamental algorithm requires initialization of the net- work frequency using the SELFREQ bit in the ACCMODE register and the nominal voltage in the VLEVEL register. Calculate the VLEVEL value according to the following equation: VLEVEL = x × 1,144,084 Where x is the dynamic range that the nominal input signal is at with respect to full scale. For instance, if the signal is at ½ of full scale, x = 2. VLEVEL = 2 × 1,144,084 See the ADE9430 Technical Reference Manual for additional infor- mation. Total and Fundamental RMS The ADE9430 offers the total and fundamental current and voltage rms measurements on all phase channels. The datapath is shown in Figure 43. Figure 43. Filter-Based Total RMS The total rms calculations, one for each channel (AIRMS, BIRMS, CIRMS, NIRMS, AVRMS, BVRMS, and CVRMS), are updated every 8 kSPS. The fundamental rms calculations available in the AIFRMS, BIFRMS, CIFRMS, AVFRMS, BVFRMS, and CVFRMS registers are also updated every 8 kSPS. The fundamental rms is not available for the neutral channel. The xRMS and xFRMS value at full scale is 52,702,092 decimals. The total and fundamental rms measurements can be calibrated for gain and offset. Perform gain calibration on the respective current and voltage channel datapath. The following equations indicate how the offset calibration registers modify the result in the corresponding rms registers: xRMS= xRMS02+215×xRMOSOS (4) Where xRMS0 is the initial xRMS register value before offset cali- bration. xFRMS= xFRMS02+215×xFRMOSOS (5) The ADE9430 also calculates the rms of the sum of IA + IB + IC ± IN and stores the result in ISUMRMS. The ISUM_CFG bits in the CONFIG0 register configure the components included in summation. See the ADE9430 Technical Reference Manual for additional infor- mation. Total and Fundamental Active Power The ADE9430 offers total and fundamental active power measure- ments on all channels. To calculate the total active power for Phase A, see Figure 44. Figure 44. Total Active Power, AWATT, Calculation for Phase A The active power calculations, one for each channel (AWATT, BWATT, and CWATT), are updated every 8 kSPS. The fundamental active power is also updated every 8 kSPS and is available in the |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |