công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

71M6541D/F/G bảng dữ liệu(PDF) 43 Page - Maxim Integrated Products

tên linh kiện 71M6541D/F/G
Giải thích chi tiết về linh kiện  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAXIM [Maxim Integrated Products]
Trang chủ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G bảng dữ liệu(HTML) 43 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 39Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 40Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 41Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 42Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 43Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 44Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 45Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 46Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 47Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
Rev 5
43
Table 30: The T2CON Bit Functions (SFR 0xC8)
Bit
Symbol
Function
T2CON[7]
–
Not used.
T2CON[6]
I3FR
Polarity control for external interrupt 3: CE_BUSY
0 = falling edge.
1 = rising edge.
T2CON[5]
I2FR
Polarity control for external interrupt 2:
XPULSE, YPULSE, WPULSE and VPULSE
0 = falling edge.
1 = rising edge.
T2CON[4:0]
–
Not used.
Table 31: The IRCON Bit Functions (SFR 0xC0)
Bit
Symbol
Function
IRCON[7]
–
Not used
IRCON[6]
–
Not used
IRCON[5]
IEX6
1 = External interrupt 6 flag:
XFER_BUSY, RTC_1S, RTC_1M or RTC_T
IRCON[4]
IEX5
1 = External interrupt 5 flag:
EEPROM or SPI
IRCON[3]
IEX4
1 = External interrupt 4 flag:
VSTAT
IRCON[2]
IEX3
1 = External interrupt 3 flag:
CE_BUSY
IRCON[1]
IEX2
1 = External interrupt 2 flag:
XPULSE, YPULSE, WPULSE or VPULSE
IRCON[0]
–
Not used.
TF0 and TF1 (Timer 0 and Timer 1 overflow flags) are automatically cleared by hardware when
the service routine is called (Signals T0ACK and T1ACK – port ISR – active high when the
service routine is called). IE0, IE1 and IEX2-IEX6 are cleared automatically when hardware
causes execution to vector to the interrupt service routine.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More