| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
71M6541D/F/G bảng dữ liệu(PDF) 10 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
71M6541D/F/G bảng dữ liệu(HTML) 10 Page - Maxim Integrated Products |
|
10 / 166 page ![]() 71M6541D/F/G and 71M6542F/G Data Sheet 10 Rev 5 1 Introduction This data sheet covers the 71M6541D (32KB), 71M6541F (64KB), 71M6541G (128KB), 71M6542F (64KB), and 71M6542G (128KB) fourth-generation energy measurement SoCs. The term “71M654x” is used when discussing a device feature or behavior that is applicable to all four part numbers. The appropriate part number is indicated when a device feature or behavior is being discussed that applies only to a specific part number. This data sheet also covers basic details about the companion 71M6x01 isolated current sensor device. For more complete information on the 71M6x01 sensors, refer to the 71M6xxx Data Sheet. This document covers the use of the 71M654x with locally connected sensors as well when it is used in conjunction with the 71M6x01 isolated current sensor. The 71M654x and 71M6x01 chipset make it possible to use one non-isolated and one isolated shunt current sensor to create single-phase and two- phase energy meters using inexpensive shunt resistors, while achieving unprecedented performance with this type of sensor technology. The 71M654x SoCs also support configurations involving one locally connected shunt and one locally connected Current Transformer (CT), or two CTs. To facilitate document navigation, hyperlinks are often used to reference figures, tables and section headings that are located in other parts of the document. All hyperlinks in this document are highlighted in blue. Hyperlinks are used extensively to increase the level of detail and clarity provided within each section by referencing other relevant parts of the document. To further facilitate document navigation, this document is published as a PDF document with bookmarks enabled. The reader is also encouraged to obtain and review the documents listed in 8 Related Information on page 164 of this document. |