| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
71M6541D/F/G bảng dữ liệu(PDF) 62 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
71M6541D/F/G bảng dữ liệu(HTML) 62 Page - Maxim Integrated Products |
|
62 / 166 page ![]() 71M6541D/F/G and 71M6542F/G Data Sheet 62 Rev 5 Table 49: Data/Direction Registers for SEGDIO19 to SEGDIO27 (71M6541D/F/G) SEGDIO – – – 19 20 21 22 23 24 25 26 27 – – – – Pin # – – – 16 15 14 13 12 11 10 9 8 – – – – Configuration: 0 = DIO, 1 = LCD – – – 3 4 5 6 7 0 1 2 3 – – – – LCD_MAP[23:19] (I/O RAM 0x2409) LCD_MAP[27:24] (I/O RAM 0x2408) SEG Data Register – – – 19 20 21 22 23 24 25 26 27 – – – – LCD_SEGDIO19[5:0] to LCD_SEGDIO27[5:0] (I/O RAM 0x2423[5:0] to 0x242C[5:0]) DIO Data Register – – – 19 20 21 22 23 24 25 26 27 – – – – LCD_SEGDIO19[0] to LCD_SEGDIO27[0] (I/O RAM 0x2423[0] to 0x242C[0]) Direction Register: 0 = input, 1 = output – – – 19 20 21 22 23 24 25 26 27 – – – – LCD_SEGDIO19[1] to LCD_SEGDIO27[1] (I/O RAM 0x2423[1] to 0x242C[1]) Table 50: Data/Direction Registers for SEGDIO36-39 to SEGDIO44-45 (71M6541D/F/G) SEGDIO – – – – 36 37 38 39 – – – – 44 45 Pin # – – – – 3 2 1 64 – – – – 63 62 Configuration: 0 = DIO, 1 = LCD – – – – 4 5 6 7 – – – – 4 5 LCD_MAP[39:36] (I/O RAM 0x2407) LCD_MAP[45:44] (I/O RAM 0x2406) SEG Data Register – – – – 36 37 38 39 – – – – 44 45 LCD_SEGDIO36[5:0] to LCD_SEGDIO45[5:0] (I/O RAM 0x2434-2437[5:0] to 0x243C-243D[5:0]) DIO Data Register – – – – 36 37 38 39 – – – – 44 45 LCD_SEGDIO32[0] to LCD_SEGDIO45[0] (I/O RAM 0x2434-2437[0] to 0x243C-243D[0]) Direction Register: 0 = input, 1 = output – – – – 36 37 38 39 – – – – 44 45 LCD_SEGDIO32[1] to LCD_SEGDIO45[1] (I/O RAM 0x2434-2437[1] to 0x243C-243D[1]) Table 51: Data/Direction Registers for SEGDIO51 and SEGDIO55 (71M6541D/F/G) SEGDIO 51 – – – 55 – – – Pin # 33 – – – 32 – – – Configuration: 0 = DIO, 1 = LCD 3 – – – 7 – – – LCD_MAP[55], LDC_MAP[51] (I/O RAM 0x2405) SEG Data Register 51 – – – 55 – – – LCD_SEGDIO51[5:0], LCD_SEGDIO55[5:0] (I/O RAM 0x2443[5:0] and 0x2447[5:0]) DIO Data Register 51 – – – 55 – – – LCD_SEGDIO51[0] to LCD_SEGDIO55[0] (I/O RAM 0x2443[0] and 0x2447[0]) Direction Register: 0 = input, 1 = output 51 – – – 55 – – – LCD_SEGDIO51[1] to LCD_SEGDIO55[1] (I/O RAM 0x2443[1] and 0x2447[1]) |