công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPC572L64F2 bảng dữ liệu(PDF) 55 Page - STMicroelectronics

tên linh kiện SPC572L64F2
Giải thích chi tiết về linh kiện  32-bit Power Architecture® based MCU for automotive powertrain applications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC572L64F2 bảng dữ liệu(HTML) 55 Page - STMicroelectronics

Back Button SPC572L64F2 Datasheet HTML 51Page - STMicroelectronics SPC572L64F2 Datasheet HTML 52Page - STMicroelectronics SPC572L64F2 Datasheet HTML 53Page - STMicroelectronics SPC572L64F2 Datasheet HTML 54Page - STMicroelectronics SPC572L64F2 Datasheet HTML 55Page - STMicroelectronics SPC572L64F2 Datasheet HTML 56Page - STMicroelectronics SPC572L64F2 Datasheet HTML 57Page - STMicroelectronics SPC572L64F2 Datasheet HTML 58Page - STMicroelectronics SPC572L64F2 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 112 page
background image
DocID027866 Rev 5
55/112
SPC572Lx
Electrical characteristics
111
δGROUP
CC
D Group delay
Within pass band – Tclk is
fADCD_M / 2
——
—
—
OSR = 24
—
—
238.5
Tclk
OSR = 28
—
—
278
OSR = 32
—
—
317.5
OSR = 36
—
—
357
OSR = 40
—
—
396.5
OSR = 44
—
—
436
OSR = 48
—
—
475.5
OSR = 56
—
—
554.5
OSR = 64
—
—
633.5
OSR = 72
—
—
712.5
OSR = 75
—
—
699
OSR = 80
—
—
791.5
OSR = 88
—
—
870.5
OSR = 96
—
—
949.5
OSR = 112
—
—
1107.5
OSR = 128
—
—
1265.5
OSR = 144
—
—
1423.5
OSR = 160
—
—
1581.5
OSR = 176
—
—
1739.5
OSR = 192
—
—
1897.5
OSR = 224
—
—
2213.5
OSR = 256
—
—
2529.5
Distortion within pass band –0.5/
fADCD
_S
—
+0.5/
fADCD_S
—
fHIGH
CC
D High pass filter 3dB
frequency
Enabled
—
10e-5*
fADCD_S
——
tSTARTUP
CC
D Start-up time from
power down state
—
—
—
100
µs
tLATENCY
CC
D Latency between
input data and
converted data
when input mux
does not change
HPF = ON
—
—
δGROUP +
fADCD_S
—
HPF = OFF
—
—
δGROUP
—
Table 26. SDn ADC electrical specification(1) (continued)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More