| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SPC572L64F2 bảng dữ liệu(PDF) 53 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC572L64F2 bảng dữ liệu(HTML) 53 Page - STMicroelectronics |
|
53 / 112 page ![]() DocID027866 Rev 5 53/112 SPC572Lx Electrical characteristics 111 SNRSE150 CC C Signal to noise ratio in single ended mode 150 ksps output rate(10) 4.5 < VDD_HV_ADV <5.5 VDD_HV_ADR = VDD_HV_ADV GAIN = 1 TJ < 150 °C 74 — — dBFS P4.5 < VDD_HV_ADV <5.5 VDD_HV_ADR = VDD_HV_ADV GAIN = 1 TJ < 150 °C 68 — — T4.5 < VDD_HV_ADV <5.5 VDD_HV_ADR = VDD_HV_ADV GAIN = 2 TJ < 150 °C 71 — — 4.5 < VDD_HV_ADV <5.5 VDD_HV_ADR = VDD_HV_ADV GAIN = 4 TJ < 150 °C 68 — — 4.5 < VDD_HV_ADV <5.5 VDD_HV_ADR = VDD_HV_ADV GAIN = 8 TJ < 150 °C 65 — — D 4.5 < VDD_HV_ADV <5.5 VDD_HV_ADR=VDD_HV_ADV GAIN = 16 TJ <150 °C 62 — — SFDR CC P Spurious free dynamic range GAIN = 1 60 — — dBc CGAIN = 2 60 — — CGAIN = 4 60 — — CGAIN = 8 60 — — D GAIN = 16 60 — — ZDIFF(11) CC D Differential input impedance GAIN = 1 1000 1250 1500 k Ω GAIN = 2 600 800 1000 GAIN = 4 300 400 500 GAIN = 8 200 250 300 GAIN = 16 200 250 300 ZCM(11) CC D Common mode input impedance GAIN = 1 1400 1800 2200 k Ω GAIN = 2 1000 1300 1600 GAIN = 4 700 950 1150 GAIN = 8 500 650 800 GAIN = 16 500 650 800 Table 26. SDn ADC electrical specification(1) (continued) Symbol C Parameter Conditions Value Unit Min Typ Max |