công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

48SWTQFN-EP bảng dữ liệu(PDF) 50 Page - Maxim Integrated Products

tên linh kiện 48SWTQFN-EP
Giải thích chi tiết về linh kiện  3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAXIM [Maxim Integrated Products]
Trang chủ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

48SWTQFN-EP bảng dữ liệu(HTML) 50 Page - Maxim Integrated Products

Back Button 48SWTQFN-EP Datasheet HTML 46Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 47Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 48Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 49Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 50Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 51Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 52Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 53Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 54Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 103 page
background image
MAX9288/MAX9290
3.12Gbps GMSL Deserializers
for Coax or STP Input and MIPI CSI-2 Output
www.maximintegrated.com
Maxim Integrated │ 50
GMSL Clock Range
The deserializer uses the DRS pin/bit and the BWS input
to set the GMSL pixel clock frequency range (Table 5).
Set DRS = 1 for low data rate pixel clock frequency range
of 6.25MHz to 16.66MHz. Set DRS = 0 for high data rate
pixel clock frequency range of 12.5MHz to 104MHz.
CSI-2 Clock Range
the CSI-2 ports operate from 80Mbps to 1000Mbps per
channel. The CSI-2 output bit rate can be calculated from
the PCLK rate by the following equation:
CSI RATE = PCLK x WIDTH/LANES
where:
PCLK = Input PCLK rate
LANES = Number of CSI-2 lanes used
WIDTH = Bit width of the input data (see Table 5 or
Table 6)
High-Bandwidth Mode
The deserializer uses a 27-bit high-bandwidth mode to
support 24-bit RGB at 104MHz pixel clock. Set BWS =
open in both the serializer and deserializer to use high-
bandwidth mode. In high-bandwidth mode, the deserial-
izer decodes HS, VS, DE, and CNTL[3:0] from special
packets. Packets are sent by replacing a pixel before the
rising edge and after the falling edge of the HS, VS, and
DE signals. However, for CNTL[3:0], which is not always
continuously sampled, packets always replace a pixel
before the transition of the sampled CNTL[3:0]. Keep
HS, VS, and DE low pulse widths at least two pixel clock
cycles. By default, CNTL[3:0] are sampled continuously
when DE is low. CNTL[3:0] are sampled only on HS/VS
transitions when DE is high. If DE triggering of encoded
packets is not desired, set the serializer’s DISDETRIG
= 0 and the CNTLTRIG bits to their desired value (reg-
ister 0x15) to change the CNTL triggering behavior. Set
DETREN = 0 on the deserializer when DE is not periodic.
Audio Channel
The audio channel supports 8kHz to 192kHz audio
sampling rates and audio word lengths from 8 bits to
32 bits (2-channel I2S), or 64 to 256 bits (TDM64 to
TDM256). The audio bit clock (SCK) does not have to be
synchronized with pixel clock. The serializer automatically
encodes audio data into a single-bit stream synchronous
with pixel clock. The deserializer decodes the audio
stream and stores audio words in a FIFO. Audio rate
detection uses an internal oscillator to continuously
determine the audio data rate and output the audio in I2S
format. The audio channel is enabled by default. When
the audio channel is disabled, the SD is treated as an
auxiliary control signal.
Since the encoded audio data sent through the serial
link is synchronized with pixel clock (through ACB), low
pixel clock frequencies limit the maximum audio sampling
rate. Table 5 lists the maximum audio sampling rate for
various pixel clock frequencies. Spread spectrum from
the serializer do not affect the I2S/TDM data rate or WS
clock frequency.
Audio Channel Input
The audio channel input works with 8-channel TDM and
stereo I2S, as well as nonstandard formats. The input
format is shown in Figure 35.
The period of the WS can be 8 to 256 SCK periods. The
WS frame starts with the falling edge and can be low for
1 to 255 SCK periods. SD is one SCK period, sampled
on the rising edge. MSB/LSB order, zero padding, or any
other significance assigned to the serial data does not
affect operation of the audio channel. The polarity for WS
and SCK edges is programmable.
Figure 36, Figure 37, Figure 38, and Figure 39 are
examples of acceptable input formats.
Figure 35. Audio Channel Input Format
FRAME
16 TO 256 BITS
0
1
2
SCK
SD
WS
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com