công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

48SWTQFN-EP bảng dữ liệu(PDF) 78 Page - Maxim Integrated Products

tên linh kiện 48SWTQFN-EP
Giải thích chi tiết về linh kiện  3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAXIM [Maxim Integrated Products]
Trang chủ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

48SWTQFN-EP bảng dữ liệu(HTML) 78 Page - Maxim Integrated Products

Back Button 48SWTQFN-EP Datasheet HTML 74Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 75Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 76Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 77Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 78Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 79Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 80Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 81Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 82Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 103 page
background image
MAX9288/MAX9290
3.12Gbps GMSL Deserializers
for Coax or STP Input and MIPI CSI-2 Output
www.maximintegrated.com
Maxim Integrated │ 78
Example Repeater Network—Two µCs
The example shown in Figure 58 has one repeater and two
µCs. Table 20 summarizes the authentication operation.
Detection and Action Upon New Device
Connection
When a new device is connected to the system, the
device must be authenticated and the device’s KSV
checked against the revocation list. The downstream
µCs can set the NEW_DEV_CONN bit of the upstream
receiver and invoke an interrupt to notify upstream µCs.
Figure 57. State Diagram (CDS = High)
Figure 58. Example Network with One Repeater and Two µCs (Tx = GMSL Serializer’s, Rx = Deserializer’s)
SLEEP
CONFIG LINK
OPERATING
PROGRAM
REGISTERS
POWER-OFF
HIGH TO LOW
SLEEP = 1, VIDEO LINK OR CONFIG
LINK NOT LOCKED AFTER 8ms
POWER-ON
IDLE
WAKE-UP
SIGNAL
SERIAL PORT
LOCKING
SIGNAL
DETECTED
CONFIG LINK
UNLOCKED
CONFIG LINK
LOCKED
VIDEO LINK
LOCKED
VIDEO LINK
UNLOCKED
0
SLEEP
0
SLEEP
ALL STATES
GPI CHANGES FROM
LOW TO HIGH OR
PWDN = LOW OR
SEND GPI TO
GMSL
SERIALIZER
PWDN = HIGH,
POWER-ON
POWER-DOWN
OR
POWER-OFF
SERIAL LINK ACTIVITY STOPS OR 8ms ELAPSES AFTER
µC SETS SLEEP = 1
VIDEO LINK
OPERATING
PRBSEN = 0
PRBSEN = 1
VIDEO LINK
PRBS TEST
BD-DRIVE
RX_R1
µC_B
TX_B1
DISPLAY 1
RX_D1
DISPLAY 2
RX_D2
REPEATER
TX_R1
TX_R2
RX_R2
µC_R
VIDEO
ROUTING
MEMORY
WITH SRM
VIDEO CONNECTION
CONTROL CONNECTION 1 (µC_B IN BD-DRIVE IS MASTER)
CONTROL CONNECTION 2 (µC_R IN REPEATER IS MASTER)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com