công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

48SWTQFN-EP bảng dữ liệu(PDF) 77 Page - Maxim Integrated Products

tên linh kiện 48SWTQFN-EP
Giải thích chi tiết về linh kiện  3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAXIM [Maxim Integrated Products]
Trang chủ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

48SWTQFN-EP bảng dữ liệu(HTML) 77 Page - Maxim Integrated Products

Back Button 48SWTQFN-EP Datasheet HTML 73Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 74Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 75Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 76Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 77Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 78Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 79Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 80Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 81Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 103 page
background image
MAX9288/MAX9290
3.12Gbps GMSL Deserializers
for Coax or STP Input and MIPI CSI-2 Output
www.maximintegrated.com
Maxim Integrated │ 77
Table 19. Optional Enhanced Link Integrity Check—Performed Every 16 Frames After
Encryption is Enabled
NO.
µC
HDCP GMSL SERIALIZER
HDCP GMSL DESERIALIZER
1
—
Generates PJ and updates the
PJ register every 16 VSYNC
cycles.
Generates PJ’ and updates the PJ’
register every 16 VSYNC cycles.
2
—
Continues to encrypt and
transmit A/V data.
Continues to receive, decrypt, and
output A/V data.
3
Every 16 video frames, reads PJ from the
GMSL serializer and PJ’ from the deserializer.
—
—
4
If PJ matches PJ’, the enhanced link integrity
check is successful; go back to step 3.
—
—
5
If there is a mismatch, retry up to two more
times from step 3. Enhanced link integrity
check fails after 3 mismatches. After the
detection of failure of enhanced link integrity
check, the µC makes sure that A/V data not
requiring protection (low-value content) is
available at the GMSL serializer inputs (such
as blue or informative screen). Alternatively,
the FORCE_VIDEO and FORCE_AUDIO bits
of the GMSL serializer can be used to mask
A/V data input of the GMSL serializer.
—
—
6
Writes 0 to the ENCRYPTION_ENABLE bit of
the GMSL serializer and deserializer.
Disables encryption and
transmits low-value content A/V
data.
Disables decryption and outputs low-
value content A/V data.
7
Restarts authentication by writing 1 to the
RESET_HDCP bit followed by writing 1 to the
START_AUTHENTICATION bit in the GMSL
serializer.
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com